Electronic Components Datasheet Search
  English  ▼

X  

MM22 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MM22
Description  Rack and Panel Connectors Military, MIL-C-28748/7/8 Qualified and Commercial Microminiature Rectangular
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MM22 Datasheet(HTML) 1 Page - Vishay Siliconix

  MM22 Datasheet HTML 1Page - Vishay Siliconix MM22 Datasheet HTML 2Page - Vishay Siliconix MM22 Datasheet HTML 3Page - Vishay Siliconix MM22 Datasheet HTML 4Page - Vishay Siliconix MM22 Datasheet HTML 5Page - Vishay Siliconix MM22 Datasheet HTML 6Page - Vishay Siliconix MM22 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MM22, MM24
www.vishay.com
Vishay Dale
Revision: 24-Feb-14
1
Document Number: 36008
For technical questions, contact: connectors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Rack and Panel Connectors Military, MIL-C-28748/7/8 Qualified
and Commercial Microminiature Rectangular
FEATURES
• Qualified to MIL-C-28748/7/8
• Solder cup contacts
• Dip solder contacts
• Fixed and turnable screwlocks
• Optional closed entry socket contacts
APPLICATIONS
Especially suited for use in airborne, instrumentation and
portable equipment applications or wherever the following
requirements must be met: Minimum space and weight
without sacrifice of performance, high quality materials, long
service life, high vibration and shock resistance and positive
locking.
ELECTRICAL SPECIFICATIONS
Current Rating: Model MM22 = 5 A
Model MM24 = 3 A
Breakdown Voltage: At sea level: 2000 VRMS
At 70 000 feet: 500 VRMS
MATERIAL SPECIFICATIONS
Contact Pin: Phosphor bronze
Contact Socket: Phosphor bronze (Beryllium copper
available on request)
Contact Plating: Gold
Screwlocks: Stainless steel, passivated
Guides: Brass, gold plated or stainless steel, passivated
Standard Body: Glass-filled diallyl phthalate per MIL-M-14,
Model SDG-F, green
DIMENSIONS in inches [millimeters]
CONTACT GAUGE
B DIAMETER
CONTACT GAUGE
C DIP TAIL LENGTH
D DIAMETER
22 AWG
0.030 ± 0.001
[0.762 ± 0.025]
22 AWG
0.160 or 0.350
[4.06 or 8.89] nom.
0.025
[0.635]
24 AWG
0.025 ± 0.001
[0.635 ± 0.025]
24 AWG
0.160 or 0.350
[4.06 or 8.89] nom.
0.025
[0.635]
MMS
With Solder Cup Contacts
MMP
With Solder Cup Contacts
0.034 [0.864] Dia.
Solder Cup
0.110 [2.79]
Typ.
B
0.140
[3.56]
MMDS
With Dip Solder Contacts
MMDP
With Dip Solder Contacts
D
0.030
[0.762]
0.140
[3.56]
C
D


Similar Part No. - MM22

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MM22 VISHAY-MM22 Datasheet
209Kb / 6P
Rack and Panel Connectors
22-Aug-00
MM22 VISHAY-MM22 Datasheet
261Kb / 8P
Rack and Panel Connectors
15-Feb-07
logo
STMicroelectronics
MM2201B1TR STMICROELECTRONICS-MM2201B1TR Datasheet
111Kb / 15P
2-Wires 1 Kbit x8 Serial EEPROM
Jul-1999
MM2201B6TR STMICROELECTRONICS-MM2201B6TR Datasheet
111Kb / 15P
2-Wires 1 Kbit x8 Serial EEPROM
Jul-1999
MM2201DW1TR STMICROELECTRONICS-MM2201DW1TR Datasheet
111Kb / 15P
2-Wires 1 Kbit x8 Serial EEPROM
Jul-1999
More results

Similar Description - MM22

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IMS-5 VISHAY-IMS-5 Datasheet
79Kb / 2P
Military, MIL-PRF-15305 Qualified, Type LT and Commercial, Molded, Shielded
18-Oct-04
SM20 VISHAY-SM20 Datasheet
216Kb / 5P
Rack and Panel Connectors Subminiature Rectangular
15-Feb-07
logo
IRC - a TT electronics ...
1900 IRCTT-1900 Datasheet
489Kb / 3P
TaNFilm짰 Precision DIP Network Commercial and MIL Qualified
4700 IRCTT-4700 Datasheet
312Kb / 4P
TaNFilm짰 Precision SIP Network Commercial and MIL Qualified
M8340101M1001JA IRCTT-M8340101M1001JA Datasheet
489Kb / 3P
TaNFilm Precision DIP Network Commercial and MIL Qualified
logo
Vishay Siliconix
SM20 VISHAY-SM20_09 Datasheet
850Kb / 5P
Rack and Panel Connectors Subminiature Rectangular
05-May-09
logo
TT Electronics.
4700 TTELEC-4700_17 Datasheet
515Kb / 4P
Commercial and MIL Qualified
logo
Vishay Siliconix
MILC28748 VISHAY-MILC28748 Datasheet
102Kb / 5P
Rack and Panel Connectors Military, MIL-C-28748/7/8 Qualified Microminiature Rectangular
18-Jul-17
SM20 VISHAY-SM20_V01 Datasheet
856Kb / 5P
Rack and Panel Connectors Subminiature Rectangular
05-May-09
MIL-C-28748 VISHAY-MIL-C-28748 Datasheet
101Kb / 5P
Rack and Panel Connectors Military, MIL-C-28748/7/8 Qualified Microminiature Rectangular
18-Jul-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com