Electronic Components Datasheet Search
  English  ▼

X  

ROTSF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ROTSF
Description  Precision Rotative Transducers, Conductive Plastic, Servo Mounting
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ROTSF Datasheet(HTML) 1 Page - Vishay Siliconix

  ROTSF Datasheet HTML 1Page - Vishay Siliconix ROTSF Datasheet HTML 2Page - Vishay Siliconix ROTSF Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series ROT/SF
www.vishay.com
Vishay Sfernice
Revision: 26-Mar-15
1
Document Number: 54004
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Precision Rotative Transducers,
Conductive Plastic, Servo Mounting
A complete range of servo mounting rotational transducers
for applications requiring long life accuracy and speed.
FEATURES
• Size 08 to 30
• Linearity ± 1 % down to ± 0.015 %
• Excellent repeatability
• Long life
• Essentially infinite resolution
• Up to 6 electrical functions with the same shaft
• On request custom design to meet your specifications
• Following MIL-R-39023 and NFC 93-255 requirements
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability.
QUICK REFERENCE DATA
Sensor type
ROTATIONAL, conductive plastic
Output type
Output by turrets
Market appliance
Professional
Dimensions
Various sizes
ELECTRICAL SPECIFICATIONS
Size
08
09
11
13
15
18
20
30
Model
34 SF
78 SF
116 SF
156 SF
176 SF
134 SF
200 SF
300 SF
Functions
Linear, on request specific law
Theoretical electrical angle (TEA)
TEA = actual electrical angle (AEA) - 2°
Independent linearity (over TEA)
On request best linearity available
A
 ± 1 %
or
B
 ± 0.5 %
or
C
 ± 0.25 %
or
D
 ± 0.1 %
D
 ± 0.1 %
Down to E
 ± 0.05 % Down to F  ± 0.025 % Down to  ± 0.015 %
Actual electrical angle (AEA)
340° ± 3°
350° ± 2°
Ohmic values (RT)1 k - 2 k - 5 k - 10 k - on request other values
Ohmic value tolerances at 20 °C
± 10 %; on request ± 5 %
Output smoothness
 0.025 %
On request
 0.01 %
Maximum power rating at 70 °C
0.25 W
0.3 W
0.4 W
0.5 W
0.75 W
1.0 W
1.2 W
1.5 W
Wiper current/load resistance
Recommended: a few μA - 1 mA max. continuous/minimum 103 × RT
Tap (current or voltage)
On request with angular position to be
specified
U = Current
{ Position: ± 2°
/T = voltage
Position: ± 2°
{ Width:
 4°
Repeatability
 0.01 %
End voltage
 0.4 % for 470  v R
T  1000 / 0.2 % for 1000   RT  2200 / 0.1 % RT > 2200 
Insulation resistance
 1000 M, 500 V
DC
Dielectric strength
 750 V
RMS, 50 Hz
 1000 V
RMS, 50 Hz
MECHANICAL SPECIFICATIONS
Mechanical rotation
360° continuous; stops on request
Mounting/shaft guiding
Servo/ball bearings
Housing
Diallylphtalate; on request anodized aluminum
Shaft material/common option
Stainless steel/screw driver slot
Termination
Turrets; on request flexible leads, cables...
Wiper
Precious metal multi-finger contact
Starting torque (N.cm)
1 cup
0.2
0.25
each additional cup
0.15
Moment of inertia (g. cm2)
0.3
0.4
0.6
0.8
2.2
2.8
3.5
10
Weight (g)
1 cup
11 ± 2
16 ± 2
20 ± 2
29 ± 2
49 ± 2
67 ± 3
79 ± 3
120 ± 10
each additional cup
5 ± 2
6 ± 2
7 ± 2
10 ± 2
16 ± 2
18 ± 3
21 ± 3
62 ± 10
PERFORMANCE
Life (million of cycles)
 50
Temperature range
-55 °C to +125 °C
Climatic category
55/125/04
Maximum rotation speed (RPM)
600
Sine vibration on 3 axes
1.5 mm or 20 g from 10 Hz to 2000 Hz
Mechanical shocks on 3 axes
50 g - 11 ms - half sine


Similar Part No. - ROTSF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ROT116BFZ1B502E1 VISHAY-ROT116BFZ1B502E1 Datasheet
257Kb / 3P
Precision Rotative Transducers 360° Special Laws: Sine/Cosine
26-Mar-15
ROT116SFZ1A502E1 VISHAY-ROT116SFZ1A502E1 Datasheet
257Kb / 3P
Precision Rotative Transducers 360° Special Laws: Sine/Cosine
26-Mar-15
ROT116SFZ1A502E1 VISHAY-ROT116SFZ1A502E1 Datasheet
254Kb / 3P
Precision Rotative Transducers 360°S Special Laws: Sine/Cosine
26-Mar-15
ROT116SFZ1B502E1 VISHAY-ROT116SFZ1B502E1 Datasheet
257Kb / 3P
Precision Rotative Transducers 360° Special Laws: Sine/Cosine
26-Mar-15
ROT156BF VISHAY-ROT156BF Datasheet
338Kb / 3P
Precision Rotative Transducers, Conductive Plastic, Bushing Mounting
22-Mar-07
More results

Similar Description - ROTSF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ROT156BF VISHAY-ROT156BF Datasheet
338Kb / 3P
Precision Rotative Transducers, Conductive Plastic, Bushing Mounting
22-Mar-07
ROT156SF VISHAY-ROT156SF Datasheet
398Kb / 3P
Precision Rotative Transducers, Conductive Plastic, Servo Mounting
22-Mar-07
ECO VISHAY-ECO Datasheet
566Kb / 4P
Precision Rotative Transducers, Conductive Plastic, Economic Series (ECO)
07-Sep-07
ECS VISHAY-ECS Datasheet
319Kb / 3P
Precision Rotative Transducers, Conductive Plastic, Economic Series (ECS)
24-May-07
REC139L VISHAY-REC139L_15 Datasheet
261Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 3000 mm
26-Mar-15
REC34L VISHAY-REC34L Datasheet
397Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC50L VISHAY-REC50L Datasheet
89Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 300 mm
17-Sep-12
ECS VISHAY-ECS_V01 Datasheet
136Kb / 3P
Precision Rotative Transducers, Conductive Plastic, Economic Series (ECS)
26-Mar-15
ROTBF VISHAY-ROTBF Datasheet
354Kb / 4P
Precision Rotative Transducers, Conductive Plastic, Bushing Mounting
26-Mar-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com