Electronic Components Datasheet Search
  English  ▼

X  

ROTSF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ROTSF
Description  Precision Rotative Transducers, Conductive Plastic, Servo Mounting
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ROTSF Datasheet(HTML) 2 Page - Vishay Siliconix

  ROTSF Datasheet HTML 1Page - Vishay Siliconix ROTSF Datasheet HTML 2Page - Vishay Siliconix ROTSF Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series ROT/SF
www.vishay.com
Vishay Sfernice
Revision: 26-Mar-15
2
Document Number: 54004
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Special characteristics designs on request
DIMENSIONS in millimeters, general tolerance ± 0.5 mm
DIMENSIONS
DESIGNATION
SIZE
POTENTIOMETER REFERENCE
08
09
11
13
15
18
20
30
MODEL
34 SF
78 SF
116 SF
156 SF
176 SF
134 SF
200 SF
300 SF
A - 0
- 0.013
Ø shaft stainless steel
3.175
3.175
3.175
3.175
6.345
6.345
6.345
6.345
B max.
Shaft length
13
16.6
16.6
16.6
16.6
16.6
16.6
16.6
C max.
Ø body plastic molded
19.18
22.3
27.07
33.35
36.6
44.5
50.9
76.3
D
Ø flange
15.875
19.05
24.608
30.16
33.337
39.674
47.625
73.025
Tolerance on flange
+0 - 13 μm
+0 - 25 μm
E
Shoulder
1.6
1.6
1.6
1.6
1.6
1.6
2.4
2.4
F min.
Width of groove
1.5
1.5
1.5
1.5
2.2
1.8
2.2
1.75
Ø G max.
Diameter of groove
17.57
19.8
24.8
30.9
33.3
41.4
47.6
73.1
H min.
Turret location
5.8
5.95
6.3
6.3
7
10.15
10.2
10.2
I max.
Radius on turrets
14
15.4
17.3
20.5
23.1
26.5
29.7
43.7
J max.
Radius on screw clamp
13.5
15.4
17.3
18.9
23.1
26.5
29.7
42.6
K max.
Ø on clamp
19.6
23.8
27.7
33.6
37.4
44.5
50.8
77.5
L ± 2°
Angle between turrets
30°
30°
25°
20°
20°
25°
15°
15°
M max.
Total angle
100°
100°
100°
100°
80°
80°
80°
80°
N max.
1 cup
16
20.5
20.5
20.5
23.5
23.5
23.5
23
2 cups
23
27
23
25.5
26.13
26
28.5
34.5
3 cups
36
40
36
39.5
39.5
39.5
40.97
-
4 cups
42
50
42
47
49.5
49.5
50.72
-
5 cups
54.5
63
54
60.5
62.5
62.5
64.5
-
6 cups
60.5
74
60.5
68.5
73.5
73.5
74.5
-
Ø C
Ø D
Ø A
1.6
B
Ø G
F
E
H
X
X
0.025
X
0.025
N
L
J
I
K ON CLAMP
L
M
3
1
2
3
2
1
CLOCK WISE
VIEWED FROM
SHAFT SIDE
ELECTRICAL
CONNECTIONS
ORDERING INFORMATION/DESCRIPTION
ROT
156
S
F
1
C
T
502
e1
SERIES
MODEL MOUNTING TYPE CONDUCTOR NUMBER OF CUPS
LINEARITY
TAP
OHMIC VALUE
LEAD FINISH
S: Servo
F: Plastic film
From 1
up to 6
A: ± 1 %
B: ± 0.5 %
C: ± 0.25 %
D: ± 0.1 %
E: ± 0.05 %
F: ± 0.025 %
On request
T: Voltage
U: Current
position to
be specified
First 2 digits are
significant
numbers 3rd
digit indicates
number of
zeros
SAP PART NUMBERING GUIDELINES
RO 116SF
1
D
502
MODEL
GANG NUMBER
LINEARITY
OHMIC VALUE
From 1 up to 6
5 k



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com