Electronic Components Datasheet Search
  English  ▼

X  

DDTCEE Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDTCEE
Description  NPN PRE-BIASED TRANSISTOR IN SOT523
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTCEE Datasheet(HTML) 2 Page - Diodes Incorporated

  DDTCEE Datasheet HTML 1Page - Diodes Incorporated DDTCEE Datasheet HTML 2Page - Diodes Incorporated DDTCEE Datasheet HTML 3Page - Diodes Incorporated DDTCEE Datasheet HTML 4Page - Diodes Incorporated DDTCEE Datasheet HTML 5Page - Diodes Incorporated DDTCEE Datasheet HTML 6Page - Diodes Incorporated DDTCEE Datasheet HTML 7Page - Diodes Incorporated DDTCEE Datasheet HTML 8Page - Diodes Incorporated DDTCEE Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DDTC (R1 = R2 SERIES) EE
Document number: DS30313 Rev. 16 - 2
2 of 10
www.diodes.com
April 2021
© Diodes Incorporated
DDTC (R1 = R2 SERIES) EE
Marking Information
SOT523
Date Code Key
Year
2021
2022
2023
2024
2025
2026
2027
2028
2029
2030
2031
2032
Code
I
J
K
L
M
N
O
P
R
S
T
U
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Absolute Maximum Ratings (@ TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Supply Voltage <Pin: (3) to (2)>
VCC
50
V
Input Voltage
<Pin: (1) to (2)>
DDTC123EE
DDTC143EE
DDTC114EE
DDTC124EE
DDTC144EE
DDTC115EE
VI
-10 to +12
-10 to +30
-10 to +40
-10 to +40
-10 to +40
-10 to +40
V
Output Current
DDTC123EE
DDTC143EE
DDTC114EE
DDTC124EE
DDTC144EE
DDTC115EE
IO
100
100
50
30
100
20
mA
Output Current
IC (Max)
100
mA
Thermal Characteristics (@ TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation (Notes 5 & 6)
PD
150
mW
Thermal Resistance, Junction to Ambient Air (Note 5)
RθJA
833
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
5. Mounted on FR-4 PC Board with minimum recommended pad layout.
6. 150mW per element must not be exceeded.
Nxx YM
NXX = Product Type Marking Code (See Ordering Information)
YM = Date Code Marking
Y or Y = Year (ex: I = 2021)
M or M = Month (ex: 9 = September)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com