Electronic Components Datasheet Search
  English  ▼

X  

DDTCEE Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DDTCEE
Description  NPN PRE-BIASED TRANSISTOR IN SOT523
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTCEE Datasheet(HTML) 3 Page - Diodes Incorporated

  DDTCEE Datasheet HTML 1Page - Diodes Incorporated DDTCEE Datasheet HTML 2Page - Diodes Incorporated DDTCEE Datasheet HTML 3Page - Diodes Incorporated DDTCEE Datasheet HTML 4Page - Diodes Incorporated DDTCEE Datasheet HTML 5Page - Diodes Incorporated DDTCEE Datasheet HTML 6Page - Diodes Incorporated DDTCEE Datasheet HTML 7Page - Diodes Incorporated DDTCEE Datasheet HTML 8Page - Diodes Incorporated DDTCEE Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DDTC (R1 = R2 SERIES) EE
Document number: DS30313 Rev. 16 - 2
3 of 10
www.diodes.com
April 2021
© Diodes Incorporated
DDTC (R1 = R2 SERIES) EE
Electrical Characteristics (@ TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Input Voltage
Vl(off) (Note 7)
0.5
1.1
V
VCC = 5V, IO = 100µA
Vl(on) (Note 8)
1.9
3
VO = 0.3V, IO = 20mA, DDTC123EE
VO = 0.3V, IO = 20mA, DDTC143EE
VO = 0.3V, IO = 10mA, DDTC114EE
VO = 0.3V, IO = 5mA, DDTC124EE
VO = 0.3V, IO = 2mA, DDTC144EE
VO = 0.3V, IO = 1mA, DDTC115EE
Output Voltage
VO(on)
0.1
0.3
V
IO/Il = 10mA/0.5mA, DDTC123EE
IO/Il = 10mA/0.5mA, DDTC143EE
IO/Il = 10mA/0.5mA, DDTC114EE
IO/Il = 10mA/0.5mA, DDTC124EE
IO/Il = 10mA/0.5mA, DDTC144EE
IO/Il = 5mA/0.25mA, DDTC115EE
Input Current
DDTC123EE
DDTC143EE
DDTC114EE
DDTC124EE
DDTC144EE
DDTC115EE
Il
3.8
1.8
0.88
0.36
0.18
0.15
mA
VI = 5V
Output Current
IO(off)
0.5
µA
VCC = 50V, VI = 0V
DC Current Gain
DDTC123EE
DDTC143EE
DDTC114EE
DDTC124EE
DDTC144EE
DDTC115EE
Gl
20
20
30
56
68
82
VO = 5V, IO = 20mA
VO = 5V, IO = 10mA
VO = 5V, IO = 5mA
VO = 5V, IO = 5mA
VO = 5V, IO = 5mA
VO = 5V, IO = 5mA
Input Resistor Tolerance
∆
R1
-30
+30
%
Resistance Ratio Tolerance
∆
R2/R1
0.8
1
1.2
%
Transition frequency (Note 9)
fT
250
MHz
VCE = -10V, IE = 5mA,
f = 100MHz
Notes:
7. Guarantees that the device will be switched OFF if the Input Voltage is less than 0.5V.
8. Guarantees that the device will be switched ON if the Input Voltage is more than 3V.
9. Transistor only.
Typical Electrical Characteristics
-50
0
50
100
150
250
200
150
50
100
0
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Derating Curve
A
°
Derating Curve
0
1
2
3
4
0
20
30
V , REVERSE BIAS VOLTAGE (V)
Fig. 2 Output Capacitance
R
5
10
5
15
25
f = 1MHz
COBO v VO
VO OUTPUT VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com