Electronic Components Datasheet Search
  English  ▼

X  

DDTDC Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDTDC
Description  NPN PRE-BIASED 500 MA SURFACE MOUNT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTDC Datasheet(HTML) 2 Page - Diodes Incorporated

  DDTDC Datasheet HTML 1Page - Diodes Incorporated DDTDC Datasheet HTML 2Page - Diodes Incorporated DDTDC Datasheet HTML 3Page - Diodes Incorporated DDTDC Datasheet HTML 4Page - Diodes Incorporated DDTDC Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DDTD (LO-R1) C
Document number: DS30399 Rev. 8 - 2
2 of 3
www.diodes.com
July 2021
© Diodes Incorporated
DDTD (LO-R1) C
Absolute Maximum Ratings (@ TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Supply Voltage <Pin: (3) to (2)>
VCC
50
V
Input Voltage <Pin: (1) to (2)
DDTD122LC
DDTD142JC
VIN
-5 to +6
-5 to +6
V
Input Voltage <Pin: (2) to (1)
DDTD122TC
DDTD142TC
VEBO (MAX)
5
V
Output Current
IC
500
mA
Thermal Characteristics (@ TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
200
mW
Thermal Resistance, Junction to Ambient Air (Note 5)
RθJA
625
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Note:
5. Mounted on FR4 PC board with recommended pad layout.
-50
0
50
100
150
250
200
150
50
100
0
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Derating Curve
A
°



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com