Electronic Components Datasheet Search
  English  ▼

X  

DDTDC Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DDTDC
Description  NPN PRE-BIASED 500 MA SURFACE MOUNT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTDC Datasheet(HTML) 3 Page - Diodes Incorporated

  DDTDC Datasheet HTML 1Page - Diodes Incorporated DDTDC Datasheet HTML 2Page - Diodes Incorporated DDTDC Datasheet HTML 3Page - Diodes Incorporated DDTDC Datasheet HTML 4Page - Diodes Incorporated DDTDC Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DDTD (LO-R1) C
Document number: DS30399 Rev. 8 - 2
3 of 3
www.diodes.com
July 2021
© Diodes Incorporated
DDTD (LO-R1) C
Electrical Characteristics - R1, R2 Types (@ TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Input Voltage
DDTD122LC
DDTD142JC
Vl(off)
0.3
0.3
V
VCC = 5V, IO = 100µA
DDTD122LC
DDTD142JC
Vl(on)
2.0
2.0
V
VO = 0.3V, IO = 20mA
VO = 0.3V, IO = 20mA
Output Voltage
VO(on)
0.3V
V
IO/Il = 50mA/2.5mA
Input Current
DDTD122LC
DDTD142JC
Il
28
13
mA VI = 5V
Output Current
IO(off)
0.5
µ
A
VCC = 50V, VI = 0V
DC Current Gain
DDTD122LC
DDTD142JC
Gl
56
56
VO = 5V, IO = 50mA
Gain-Bandwidth Product (Note 6)
fT
200
MHz VCE = 10V, IE = 5mA, f = 100MHz
Electrical Characteristics - R1- Only, R2- Only Types (@ TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
50
V
IC = 50µA
Collector-Emitter Breakdown Voltage
BVCEO
40
V
IC = 1mA
Emitter-Base Breakdown Voltage
DDTD122TC
DDTD142TC
BVEBO
5
V
IE = 50µA
IE = 50µA
Collector Cut-Off Current
ICBO
0.5
µA
VCB = 50V
Emitter Cut-Off Current
DDTD122TC
DDTD142TC
IEBO
0.5
0.5
µA
VEB = 4V
Collector-Emitter Saturation Voltage
VCE(sat)
0.3
V
IC = 50mA, IB = 2.5mA
DC Current Transfer Ratio
DDTD122TC
DDTD142TC
hFE
100
100
250
250
600
600
IC = 5mA, VCE = 5V
Gain-Bandwidth Product (Note 6)
fT
200
MHz VCE = 10V, IE = -5mA, f = 100MHz
Note:
6. Transistor – For Reference Only



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com