Electronic Components Datasheet Search
  English  ▼

X  

1272829 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1272829
Description  Box PC - BL2 BPC 1541E-8/0
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1272829 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1272829 Datasheet HTML 1Page - PHOENIX CONTACT 1272829 Datasheet HTML 2Page - PHOENIX CONTACT 1272829 Datasheet HTML 3Page - PHOENIX CONTACT 1272829 Datasheet HTML 4Page - PHOENIX CONTACT 1272829 Datasheet HTML 5Page - PHOENIX CONTACT 1272829 Datasheet HTML 6Page - PHOENIX CONTACT 1272829 Datasheet HTML 7Page - PHOENIX CONTACT 1272829 Datasheet HTML 8Page - PHOENIX CONTACT 1272829 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
IP30-rated fanless industrial box PC (BPC) with energy-efficient Intel® Atom® E3940 processor
Commercial Data
Item number
1272829
Packing unit
1 pc
Note
Made to Order (non-returnable)
Sales Key
D02
Product Key
DRBABA
GTIN
4063151465032
Weight per Piece (including packing)
934 g
Weight per Piece (excluding packing)
762 g
Customs tariff number
84715000
Country of origin
TW
Box PC - BL2 BPC 1541E-8/0
1272829
https://www.phoenixcontact.com/us/products/1272829
Dec 2, 2022, 5:00 AM
Page 1 (11)


Similar Part No. - 1272829

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1272827 PHOENIX-1272827 Datasheet
366Kb / 11P
Box PC - BL2 BPC 1541S-4/64
Dec 2, 2022
More results

Similar Description - 1272829

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1105772 PHOENIX-1105772 Datasheet
363Kb / 11P
Box PC - BL2 BPC 1100
Dec 2, 2022
1105773 PHOENIX-1105773 Datasheet
363Kb / 11P
Box PC - BL2 BPC 2100
Dec 2, 2022
1105776 PHOENIX-1105776 Datasheet
362Kb / 11P
Box PC - BL2 BPC 3100
Dec 2, 2022
1105777 PHOENIX-1105777 Datasheet
362Kb / 11P
Box PC - BL2 BPC 7100
Dec 2, 2022
1016240 PHOENIX-1016240 Datasheet
369Kb / 11P
Box PC - BL2 BPC 7000
Dec 2, 2022
1272687 PHOENIX-1272687 Datasheet
366Kb / 11P
Box PC - BL2 BPC 1541E-8/128-W10
Dec 2, 2022
1272688 PHOENIX-1272688 Datasheet
317Kb / 10P
Box PC - BL2 BPC 1541S-4/64-W10
Dec 2, 2022
1272827 PHOENIX-1272827 Datasheet
366Kb / 11P
Box PC - BL2 BPC 1541S-4/64
Dec 2, 2022
1105778 PHOENIX-1105778 Datasheet
359Kb / 11P
Box PC - BL2 BPC 9100
Dec 2, 2022
2404844 PHOENIX-2404844 Datasheet
366Kb / 11P
Box PC - BL2 BPC 2000
Dec 2, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com