Electronic Components Datasheet Search
  English  ▼

X  

1272829 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1272829
Description  Box PC - BL2 BPC 1541E-8/0
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1272829 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1272829 Datasheet HTML 1Page - PHOENIX CONTACT 1272829 Datasheet HTML 2Page - PHOENIX CONTACT 1272829 Datasheet HTML 3Page - PHOENIX CONTACT 1272829 Datasheet HTML 4Page - PHOENIX CONTACT 1272829 Datasheet HTML 5Page - PHOENIX CONTACT 1272829 Datasheet HTML 6Page - PHOENIX CONTACT 1272829 Datasheet HTML 7Page - PHOENIX CONTACT 1272829 Datasheet HTML 8Page - PHOENIX CONTACT 1272829 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Technical Data
Notes
Utilization restriction
EMC note
EMC: class A product, see manufacturer's declaration in the
download area
Product properties
Product type
Box PC
Computer data
Processor
Intel® Atom™ E3940 1.6 GHz
Cooling
passive
RAM
8 GB LPDDR4
Display
Display type
none
Electrical properties
Supply
Supply voltage
24 V DC (CE rating)
Supply voltage range
12 V DC ... 30 V DC (Labeled operational voltage is 12 …
30 V DC)
Max. current consumption
0.7 A (24 V DC)
Typical current consumption
0.53 A (24 V DC)
Interfaces
1x DP++
2x USB 3.0
Interfaces
2x COM ports
Network
2x Ethernet (10/100/1000 Mbps), RJ45
LAN chipset
Intel® I210-AT
Software
User software
without user software
Dimensions
External dimensions
Width / Height / Depth
99 mm / 92 mm / 63 mm
Environmental and real-life conditions
Ambient conditions
Degree of protection
IP30
Ambient temperature (operation)
-20 °C ... 60 °C (with 0.5 m/s air flow)
Box PC - BL2 BPC 1541E-8/0
1272829
https://www.phoenixcontact.com/us/products/1272829
Dec 2, 2022, 5:00 AM
Page 2 (11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com