Electronic Components Datasheet Search
  English  ▼

X  

ADF7025 Datasheet(PDF) 13 Page - Analog Devices

Part # ADF7025
Description  High Performance ISM Band Transceiver IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7025 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF7025 Datasheet HTML 9Page - Analog Devices ADF7025 Datasheet HTML 10Page - Analog Devices ADF7025 Datasheet HTML 11Page - Analog Devices ADF7025 Datasheet HTML 12Page - Analog Devices ADF7025 Datasheet HTML 13Page - Analog Devices ADF7025 Datasheet HTML 14Page - Analog Devices ADF7025 Datasheet HTML 15Page - Analog Devices ADF7025 Datasheet HTML 16Page - Analog Devices ADF7025 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
ADF7025
Rev. A | Page 13 of 44
20
–120
–100
–80
–60
–40
–20
0
20
–20
–60
0
–40
–80
–100
–120
ACTUAL INPUT LEVEL
RSSI READBACK LEVEL
RF I/P (dB)
Figure 12. Digital RSSI Readback
–
10
0
10
20
30
40
50
60
70
–12
–6
0
6
12
OFFSET OF INTERFERER FROM WANTED SIGNAL (MHz)
Figure 13. Wideband Interference Rejection;
Wanted Signal (901 MHz, 38.4 kbps Data Rate, 200 kHz Frequency
Deviation) at 6 dB Above Sensitivity Point; Interferer = CW Jammer
RF I/P LEVEL (dBm)
–8
–7
–6
–5
–4
–3
–2
–1
0
–115
–110
–105
–100
–95
–90
–85
2.3V, +25°C
3V, +25°C
3.6V, +25°C
2.3V, –40°C
3V, –40°C
3.6V, –40°C
2.3V, +85°C
3V, +85°C
3.6V, +85°C
Figure 14. Sensitivity vs. VDD and Temperature
(172.8 kbps Data Rate, 200 kHz Frequency Deviation,
Baseband Bandwidth ±600 kHz)
–8
–7
–6
–5
–4
–3
–2
–1
0
–116
–108
–100
–90
–78
RF I/P LEVEL (dBm)
DATA RATE = 384k, FDEV = 450k
DATA RATE = 172k, FDEV = 200k
DATA RATE = 38.4k, FDEV = 200k
Figure 15. BER vs. Data Rate (Combined Matching Network)
DEVIATION FREQUENCY (kHz)
= CORRELATOR
= LINEAR
–100
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
0
50 100 150 200 250 300 350 400 450 500 550 600 650 700 750 800
Figure 16. Sensitivity vs. Mod Index (Data Rate = 384 kbps, Baseband
Filter Bandwidth = ±600 kHz), for Both Demodulator Types
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
0
50
100 150 200 250 300 350 400 450 500 550 600
DEVIATION FREQUENCY (kHz)
= CORRELATOR
=LINEAR
= CORRELATOR
=LINEAR
BB BW = ±450kHz BB BW = ±600kHz
Figure 17. Sensitivity vs. Mod Index (Data Rate = 172.8 kbps),
for Both Demodulator Types



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com