Electronic Components Datasheet Search
  English  ▼

X  

ADF7025 Datasheet(PDF) 16 Page - Analog Devices

Part # ADF7025
Description  High Performance ISM Band Transceiver IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7025 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADF7025 Datasheet HTML 12Page - Analog Devices ADF7025 Datasheet HTML 13Page - Analog Devices ADF7025 Datasheet HTML 14Page - Analog Devices ADF7025 Datasheet HTML 15Page - Analog Devices ADF7025 Datasheet HTML 16Page - Analog Devices ADF7025 Datasheet HTML 17Page - Analog Devices ADF7025 Datasheet HTML 18Page - Analog Devices ADF7025 Datasheet HTML 19Page - Analog Devices ADF7025 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
ADF7025
Rev. A | Page 16 of 44
Analog Lock Detect
This N-channel open-drain lock detect should be operated with
an external pull-up resistor of 10 kΩ nominal. When a lock has
been detected, this output is high with narrow low-going pulses.
Voltage Regulators
The ADF7025 contains four regulators to supply stable voltages
to the part. The nominal regulator voltage is 2.3 V. Each regulator
should have a 100 nF capacitor connected between VREG and
GND. When CE is high, the regulators and other associated
circuitry are powered on, drawing a total supply current of 2 mA.
Bringing the chip-enable pin low disables the regulators,
reduces the supply current to less than 1 µA, and erases all
values held in the registers. The serial interface operates from
a regulator supply; therefore, to write to the part, the user must
have CE high and the regulator voltage must be stabilized.
Regulator status (VREG4) can be monitored using the regulator
ready signal from MUXOUT.
Loop Filter
The loop filter integrates the current pulses from the charge
pump to form a voltage that tunes the output of the VCO to the
desired frequency. It also attenuates spurious levels generated by
the PLL. A typical loop filter design is shown in Figure 22.
CHARGE
PUMP OUT
VCO
Figure 22. Typical Loop Filter Configuration
In general, a loop filter bandwidth (LBW) of between the data
rate and twice the data rate is recommended. Widening the
LBW excessively reduces the time spent jumping between
frequencies, but it can cause insufficient spurious attenuation.
Narrow-loop bandwidths can result in the loop taking long
periods of time to attain lock. For the ADF7025 in receive mode,
the loop filter bandwidth affects the close-in blocking perform-
ance. The narrower the bandwidth of the loop filter, the greater
the close-in interference resilience of the receiver.
Careful design of the loop filter is critical to obtaining accurate
FSK modulation. The free design tool ADIsimPLL can be used
to design loop filters for the ADF7025.
N Counter
The feedback divider in the ADF7025 PLL consists of an 8-bit
integer counter and a 14-bit Σ-∆ Fractional-N divider. The
integer counter is the standard pulse-swallow type common in
PLLs. This sets the minimum integer divide value to 31.
The fractional divide value gives very fine resolution at the
output, where the output frequency of the PLL is calculated as
)
2
(
15
N
Fractional
N
Integer
R
XTAL
F
OUT
+
×
=
VCO
4N
THIRD-ORDER
Σ-∆ MODULATOR
PFD/
CHARGE
PUMP
4R
INTEGER-N
FRACTIONAL-N
REFERENCE IN
Figure 23. Fractional-N PLL
The combination of the Integer-N (maximum = 255) and the
Fractional-N (maximum = 16383/16384) gives a maximum N
divider of 255 + 1. Therefore, the minimum usable PFD is
PDFMIN [Hz] = Maximum Required Output Frequency/(255 + 1)
For example, when operating in the European 868 MHz to
870 MHz band, PFDMIN equals 3.4 MHz.
Voltage Controlled Oscillator
To minimize spurious emissions, the on-chip VCO operates
from 1732 MHz to 1856 MHz. The VCO signal is then divided
by 2 to give the required frequency for the transmitter and the
required LO frequency for the receiver.
The VCO should be re-centered, depending on the required
frequency of operation, by programming the VCO adjust bits
R1_DB [20:21].
For operation in the 862 MHz to 870 MHz band, it is recom-
mended to use a VCO bias of at least Setting 10 and to set the
VCO adjust bit to Setting 0. For operation in the 902 MHz to
928 MHz band, it is recommended to use a VCO bias of at least
Setting 12 and to set the VCO adjust bit to Setting 3. This is to
ensure correct operation under all conditions.
The VCO is enabled as part of the PLL by the PLL-enable bit,
R0_DB28.
An additional frequency divide-by-2 is included to allow
operation in the lower 431 MHz to 464 MHz bands. To enable
operation in these bands, R1_DB13 should be set to 1. The
VCO needs an external 22 nF between the VCO and the
regulator to reduce internal noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com