Electronic Components Datasheet Search
  English  ▼

X  

THDS Datasheet(PDF) 2 Page - Littelfuse

Part # THDS
Description  Time Delay Relays / Dedicated - Single Shot
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

THDS Datasheet(HTML) 2 Page - Littelfuse

  THDS Datasheet HTML 1Page - Littelfuse THDS Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Time Delay Relays
Dedicated - Single Shot
Rev: 1-A-062216
www.littelfuse.com/thds
THDS SERIES
External Resistance vs.Time Delay
This chart applies to externally adjustable part numbers.
The time delay is adjustable over the time delay range selected by varying
the resistance across the RT terminals; as the resistance increases the tie
delay increases.
When selecting an external RT, add the tolerances of the timer and the RT
for the full time range adjustment.
Examples: 1 to 50 S adjustable time delay, select time delay range 1 and
a 50 K ohn RT. For 1 to 100 S use a 100 K ohm RT.
Function Diagram
SINGLE SHOT
(PULSE FORMER)
V = Voltage
S1 = Initiate Switch
NO = Normally
Open Contact
NC = Normally
Closed Contact
TD =Time Delay
R = Reset
Specifications
Time Delay
Range
0.1s - 1000m in 6 adjustable ranges or fixed
Repeat Accuracy
±0.5% or 20ms, whichever is greater
Tolerance
(Factory Calibration)
≤ ±1%
Reset Time
≤150ms
Initiate Time
≤ 20ms
Time Delay vs Temp.
& Voltage
≤ ±2%
Input
Voltage
24, 120, or 230VAC
Tolerance
±20%
AC Line Frequency
50/60 Hz
Power Consumption
≤ 2VA
Output
Type
Solid state
Form
NO, closed during timing
Maximum Load Current
Output
Steady State
Inrush**
A
6A
60A
B
10A
100A
C
20A
200A
Voltage Drop
≅ 2.5V @ rated current
Off State Leakage Current
≅ 5mA @ 230VAC
Minimum Load Current
100mA
Protection
Circuitry
Encapsulated
Dielectric Breakdown
≥ 2000V RMS terminals to mounting surface
Insulation Resistance
≥ 100 MΩ
Mechanical
Mounting **
Surface mount with one #10 (M5 x 0.8) screw
Dimensions
H 50.8 mm (2.0”); W 50.8 mm (2.0”);
D 38.4 mm (1.51”)
Termination
0.25 in. (6.35 mm) male quick connect terminals
Environmental
Operating/Storage
Temperature
-40° to 60°C / -40° to 85°C
Humidity
95% relative, non-condensing
Weight
≅ 3.9 oz (111 g)
**Must be bolted to a metal surface using the included heat sink compound. The maximum
mounting surface temperature is 90°C. Inrush: Non-repetitive for 16ms.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com