Electronic Components Datasheet Search
  English  ▼

X  

THDS Datasheet(PDF) 1 Page - Littelfuse

Part # THDS
Description  Time Delay Relays / Dedicated - Single Shot
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

THDS Datasheet(HTML) 1 Page - Littelfuse

  THDS Datasheet HTML 1Page - Littelfuse THDS Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Time Delay Relays
Dedicated - Single Shot
Rev: 1-A-062216
www.littelfuse.com/thds
THDS SERIES
Wiring Diagram
Description
The THDS Series combines accurate timing circuitry with high
power solid-state switching. It can switch motors, lamps, and
heaters directly without a contactor. You can reduce labor,
component cost, and increase reliability with these small,
easy-to-use, timers.
Operation (Single Shot)
Input voltage must be applied before and during timing. Upon
momentary or maintained closure of the initiate switch, the
output energizes for a measured interval of time. At the end
of the delay, the output de-energizes. Opening or reclosing the
initiate switch during timing has no affect on the time delay.
The output energizes if the initiate switch is closed when input
voltage is applied.
Reset: Reset occurs when the time delay is complete and the
initiate switch is opened. Loss of input voltage resets the time
delay and output.
Features & Benefits
FEATURES
BENEFITS
Microcontroller based
Repeat Accuracy + / - 0.5%,
Factory calibration +/- 1%
High load currents up
to 20A, 200A inrush
Allows direct operation of motors, lamps and
heaters without a contactor
Totally solid state
and encapsulated
No moving parts to arc and wear out over time and
encapsulated to protect against shock, vibration,
and humidity
Metalized
mounting surface
Facilitates heat transfer in high current applications
Compact, low
cost design
Allows flexibility for OEM applications and reduces
labor and component costs
Accessories
P1004-95, P1004-95-X Versa-Pot
Panel mountable, industrial potentiometer
recommended for remote time delay adjustment.
P0700-7 Versa-Knob
Designed for 0.25 in (6.35 mm) shaft of
Versa-Pot. Semi-gloss industrial black finish.
P1015-64 (AWG 14/16)
Female Quick Connect
These 0.25 in. (6.35 mm) female terminals are
constructed with an insulator barrel to provide
strain relief.
P1015-18 Quick Connect to Screw Adapter
Screw adapter terminal designed for use with
all modules with 0.25 in. (6.35 mm) male quick
connect terminals.
L1
N/L2
V = Voltage
UTL = Optional Untimed
Load
L =Timed Load
S1 = Initiate Switch
RT is used when external
adjustment is ordered.
Ordering Information
MODEL
INPUT
VOLTAGE
ADJUSTMENT
TIME DELAY
OUTPUT
RATING
THDS410.25SA 120VAC
Fixed
0.25s
6A
THDS431C
120VAC
Onboard
1 - 100s
20A
THDS610.25SA 230VAC
Fixed
0.25s
6A
If you don’t find the part you need, call us for a custom product 800-843-8848


Similar Part No. - THDS

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THD-10 TRACOPOWER-THD-10 Datasheet
260Kb / 3P
DC/DC Converters THD 10 Series, 10 Watt
Rev. February 20, 2023
logo
Delta Electronics, Inc.
THD0948HE-AXHH DELTA-THD0948HE-AXHH Datasheet
742Kb / 10P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
logo
TRACO Electronic AG
THD10 TRACOPOWER-THD10 Datasheet
260Kb / 3P
DC/DC Converters THD 10 Series, 10 Watt
Rev. February 20, 2023
THD10-1210 TRACOPOWER-THD10-1210 Datasheet
260Kb / 3P
DC/DC Converters THD 10 Series, 10 Watt
Rev. February 20, 2023
THD10-1210N TRACOPOWER-THD10-1210N Datasheet
906Kb / 4P
DC/DC Converter THD 10N Series, 10 Watt
Rev. February 13, 2023
More results

Similar Description - THDS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TSD94110SB LITTELFUSE-TSD94110SB Datasheet
204Kb / 1P
Time Delay Relays - Dedicated - Retriggerable Single Shot
2016 Rev: 1-A-062716
TSDR LITTELFUSE-TSDR Datasheet
531Kb / 2P
Time Delay Relays Dedicated - Recycle
2016 Rev: 1-A-061016
TSDS LITTELFUSE-TSDS Datasheet
516Kb / 2P
Time Delay Relays - Dedicated - Single Shot
2016 Rev: 1-A-062216
TSS LITTELFUSE-TSS Datasheet
528Kb / 2P
Time Delay Relays - Dedicated - Single Shot
2016 Rev: 1-A-062216
THD3C42A0 LITTELFUSE-THD3C42A0 Datasheet
436Kb / 2P
Time Delay Relays / Dedicated - Recycle
2016 Rev: 1-A-061016
TRS LITTELFUSE-TRS Datasheet
380Kb / 2P
Time Delay Relays / SINGLE SHOT
2021 Rev: 1-C-030121
TSA141300 LITTELFUSE-TSA141300 Datasheet
234Kb / 1P
Time Delay Relays / Dedicated - HVAC
2016 Rev: 1-A-062716
TSD2 LITTELFUSE-TSD2 Datasheet
602Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-062116
TSD3411S LITTELFUSE-TSD3411S Datasheet
602Kb / 2P
Time Delay Relays / Dedicated - Recycle
2016 Rev: 1-A-062116
TSD6 LITTELFUSE-TSD6 Datasheet
609Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-062216
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com