Electronic Components Datasheet Search
  English  ▼

X  

TSD2 Datasheet(PDF) 2 Page - Littelfuse

Part # TSD2
Description  Time Delay Relays / Dedicated - Interval
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TSD2 Datasheet(HTML) 2 Page - Littelfuse

  TSD2 Datasheet HTML 1Page - Littelfuse TSD2 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Time Delay Relays
Dedicated - Interval
www.littelfuse.com/tsd2
Rev: 1-A-062116
Accessories
C103PM (AL) DIN Rail
35 mm aluminum DIN rail available in a 36 in.
(91.4 cm) length.
P1023-20 DIN Rail Adapter
Allows module to be mounted on a 35 mm DIN
type rail with two #10 screws.
External Resistance vs.Time Delay
Function Diagaram
INTERVAL (IMPULSE-ON)
V = Voltage
NO = Normally
Open Contact
NC = Normally
Closed Contact
TD =Time Delay
R = Reset
= Undefined
Time
TSD2 SERIES
Specifications
Time Delay
Range
0.1s - 100h in 7 adjustable ranges or fixed
Repeat Accuracy
±0.1% or 20ms, whichever is greater
Tolerance
(Factory Calibration)
≤ ±1%
Reset Time
≤ 150ms
Time Delay vs. Temperature
& Voltage
≤ ±1%
Input
Voltage
24, 120, or 230VAC
Tolerance
±20%
AC Line Frequency
50/60 Hz
Power Consumption
≤ 2VA
Output
Type
Solid state
Form
NO, closed during timing
Maximum Load Current
1A steady state, 10A inrush at 60°C
Off State Leakage Current
≅ 5mA @ 230VAC
Voltage Drop
≅ 2.5V @ 1A
Protection
Circuitry
Encapsulated
Dielectric Breakdown
≥ 2000V RMS terminals to mounting surface
Insulation Resistance
≥ 100 MΩ
Mechanical
Mounting
Surface mount with one #10 (M5 x 0.8) screw
Dimensions
H 50.8 mm (2”); W 50.8 mm (2”);
D 30.7 mm (1.21”)
Termination
0.25 in. (6.35 mm) male quick connect
terminals
Environmental
Operating/Storage
Temperature
-40° to 75°C / -40° to 85°C
Humidity
95% relative, non-condensing
Weight
≅ 2.4 oz (68 g)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com