Electronic Components Datasheet Search
  English  ▼

X  

TSD2 Datasheet(PDF) 1 Page - Littelfuse

Part # TSD2
Description  Time Delay Relays / Dedicated - Interval
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TSD2 Datasheet(HTML) 1 Page - Littelfuse

  TSD2 Datasheet HTML 1Page - Littelfuse TSD2 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Time Delay Relays
Dedicated - Interval
www.littelfuse.com/tsd2
Rev: 1-A-062116
TSD2 SERIES
L1
N/L2
IntervalTimer
Description
The TSD2 Series is designed for more demanding commercial
and industrial applications where small size and accurate
performance are required. The factory calibration for fixed time
delays is within 1% of the target time delay. The repeat accuracy,
under stable conditions, is 0.1% of the time delay. The TSD
Series is rated to operate over an extended temperature range.
Time delays of 0.1 seconds to 100 hours are available. The output
is rated 1A steady and 10A inrush. The modules are totally solid
state and encapsulated to protect the electronic circuitry.
Operation (Interval)
Upon application of input voltage, the time delay begins. The
output is energized during the time delay. At the end of the time
delay, the output de-energizes and remains de-energized until
input voltage is removed.
Reset: Removing input voltage resets the time delay and output.
Features & Benefits
FEATURES
BENEFITS
Microcontroller based
Repeat Accuracy + / - 0.1%,
+ / -1% time delay accuracy
Extended
temperature range
Rated to 75°C operating temperature to withstand
high heat applications.
Compact, low
cost design
Allows flexiblility for OEM applications
1A Steady solid-state
output, 10A inrush
Provides 100 million operations in typical conditions.
Totally solid state
and encapsulated
No moving parts to arc and wear out over time and
encapsulated to protect against shock, vibration,
and humidity
Accessories
P1004-95, P1004-95-X Versa-Pot
Panel mountable, industrial potentiometer
recommended for remote time delay adjustment.
P1023-6 Mounting bracket
The 90° orientation of mounting slots makes
installation/removal of modules quick and easy.
P0700-7 Versa-Knob
Designed for 0.25 in (6.35 mm) shaft of
Versa-Pot. Semi-gloss industrial black finish.
P1015-64 (AWG 14/16)
Female Quick Connect
These 0.25 in. (6.35 mm) female terminals are
constructed with an insulator barrel to provide
strain relief.
P1015-18 Quick Connect to Screw Adapter
Screw adapter terminal designed for use with
all modules with 0.25 in. (6.35 mm) male quick
connect terminals.
Wiring Diagram
R
T is used when
external adjustment
is ordered.
Ordering Information
MODEL
INPUT VOLTAGE
ADJUSTMENT
TIME DELAY
TSD2411S
120VAC
Fixed
1s
TSD24145S
120VAC
Fixed
45s
TSD241600S
120VAC
Fixed
600s
TSD2434
120VAC
Onboard
1 - 100m
If you don’t find the part you need, call us for a custom product 800-843-8848


Similar Part No. - TSD2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSD2 ETC1-TSD2 Datasheet
534Kb / 4P
EURO TERMINAL BLOCKS
TSD20 ETC1-TSD20 Datasheet
534Kb / 4P
EURO TERMINAL BLOCKS
logo
Taiwan Semiconductor Co...
TSD2098A TSC-TSD2098A Datasheet
199Kb / 4P
Low Vcesat NPN Transistor
TSD2098ACYRM TSC-TSD2098ACYRM Datasheet
199Kb / 4P
Low Vcesat NPN Transistor
TSD20H100CW TSC-TSD20H100CW Datasheet
255Kb / 5P
Trench Schottky Rectifier
More results

Similar Description - TSD2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TSDB LITTELFUSE-TSDB Datasheet
514Kb / 2P
Time Delay Relays - Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TSDR LITTELFUSE-TSDR Datasheet
531Kb / 2P
Time Delay Relays Dedicated - Recycle
2016 Rev: 1-A-061016
THD2 LITTELFUSE-THD2 Datasheet
422Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-061016
THD3C42A0 LITTELFUSE-THD3C42A0 Datasheet
436Kb / 2P
Time Delay Relays / Dedicated - Recycle
2016 Rev: 1-A-061016
TSA141300 LITTELFUSE-TSA141300 Datasheet
234Kb / 1P
Time Delay Relays / Dedicated - HVAC
2016 Rev: 1-A-062716
TSD3411S LITTELFUSE-TSD3411S Datasheet
602Kb / 2P
Time Delay Relays / Dedicated - Recycle
2016 Rev: 1-A-062116
TSD6 LITTELFUSE-TSD6 Datasheet
609Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-062216
TSD7 LITTELFUSE-TSD7 Datasheet
558Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-061016
TDI LITTELFUSE-TDI Datasheet
303Kb / 2P
Time Delay Relays / INTERVAL
2021 Rev: 1-B-030121
TDUI LITTELFUSE-TDUI Datasheet
398Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-061016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com