Electronic Components Datasheet Search
  English  ▼

X  

SBT103AD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SBT103AD
Description  Small-Signal Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SBT103AD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SBT103AD Datasheet HTML 1Page - List of Unclassifed Manufacturers SBT103AD Datasheet HTML 2Page - List of Unclassifed Manufacturers SBT103AD Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SBT103D Series
SBT
Maximum Ratings : (@TA=25°C unless otherwise specified)
Characteristic
Symbol
SBT103AD
SBT103BD
SBT103CD
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
30
20
V
RMS Reverse Voltage
VR(RMS)
28
21
14
V
Forward Continuous Current
IFM
350
mA
Repetitive Peak Forward Current
@t 1.0s
IFRM
1.0
A
Non-Repetitive Peak Forward Surge
Current 8.3ms Half Sine Wave
IFSM
15
mA
A
Power Dissipation
Pd
400
mW
Thermal Resistance, Junction to
Ambient Air
R JA
300
°C/W
Operating Temperature Range
Tj
125
°C
Storage Temperature Range
TSTG
-55 to +125
°C
Package Data :
Case: Molded Plastic Material (UL Flammability Classification 94V-0)
Terminals: Solderable Plated Terminals (MIL-STD-202, Method 208)
Lead Free Plating (Matte Tin Finish)
Polarity: See device configurations below
Approx. Weight: 0.13 grams.
Package outline and dimensions (see below)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com