Electronic Components Datasheet Search
  English  ▼

X  

SBT103AD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SBT103AD
Description  Small-Signal Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SBT103AD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SBT103AD Datasheet HTML 1Page - List of Unclassifed Manufacturers SBT103AD Datasheet HTML 2Page - List of Unclassifed Manufacturers SBT103AD Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon-Based Technology Corp.
Small-Signal Schottky Barrier Diodes
SBT103D Series
SBT103D series are Schottky Barrier Diodes fabricated by a series of
proprietary Schottky barrier patents and technologies (SBT
®) developed by
Silicon-Based
Technology
Corporation,
which
exhibit
high-performance
characteristics for modern switching, conversion and protection applications with
high speed and low power consumptions. The package types as described in this
data sheet are set forth in routine production; other packages are available upon
special orders.
Features and Advantages:
Low forward voltage drop(VF)
Low reverse leakage current (IR)
Very small conduction power loss
Very small switching power loss
Very high switching speed
Very high reliability
Electrical Characteristics : (@TA=25°C unless otherwise specified)
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
SBT103AD
40
SBT103BD
30
Reverse
Breakdown
Voltage
SBT103CD
VFM
20
-
-
V
IRS=100 A
0.35
IF=20mA
Maximum Forward Voltage Drop
VFM
-
-
0.50
V
IF=200mA
SBT103AD
VR=30V
SBT103BD
VR=20V
Maximum Peak
Reverse Current
SBT103CD
IRM
-
-
5.0
A
VR=10V
Total Capacitance
Cj
-
50
-
pF
VR=0V, f=1.0MHZ
Reverse Recovery Time
trr
-
10
-
ns
IF=IR=50mA to 200mA,
Irr=0.1 IR,RL=100
SBT
Silicon-Based Technology Corporation
1F,No.23, R&D Rd.I, Hsinchu Science Park, Taiwan, R.O.C
Tel 886-3-5777897
Fax 886-3-5779832


Similar Part No. - SBT103AD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SBT103AT ETC1-SBT103AT Datasheet
50Kb / 3P
Small-Signal Schottky Barrier Diodes
More results

Similar Description - SBT103AD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCL101A VISHAY-MCL101A Datasheet
98Kb / 4P
Small Signal Schottky Barrier Diodes
25-Jun-01
logo
List of Unclassifed Man...
SBT10K45WS ETC1-SBT10K45WS Datasheet
46Kb / 3P
Small-Signal Schottky Barrier Diodes
SBT103AT ETC1-SBT103AT Datasheet
50Kb / 3P
Small-Signal Schottky Barrier Diodes
logo
TAITRON Components Inco...
SD103A TAITRON-SD103A Datasheet
238Kb / 3P
Small Signal Schottky Barrier Diodes
logo
GOOD-ARK Electronics
BAS81 GOOD-ARK-BAS81 Datasheet
114Kb / 2P
Small Signal Schottky Barrier Diodes
LS101A GOOD-ARK-LS101A Datasheet
98Kb / 2P
Small Signal Schottky Barrier Diodes
MCL103A GOOD-ARK-MCL103A Datasheet
96Kb / 2P
Small Signal Schottky Barrier Diodes
MCL101A GOOD-ARK-MCL101A Datasheet
103Kb / 2P
Small Signal Schottky Barrier Diodes
BAT81S GOOD-ARK-BAT81S_15 Datasheet
103Kb / 2P
Small Signal Schottky Barrier Diodes
BAS81 GOOD-ARK-BAS81_15 Datasheet
114Kb / 2P
Small Signal Schottky Barrier Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com