Electronic Components Datasheet Search
  English  ▼

X  

GP-489 Datasheet(PDF) 4 Page - PerkinElmer Optoelectronics

Part # GP-489
Description  Mini-Triggered Spark Gaps and Transformers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

GP-489 Datasheet(HTML) 4 Page - PerkinElmer Optoelectronics

  GP-489 Datasheet HTML 1Page - PerkinElmer Optoelectronics GP-489 Datasheet HTML 2Page - PerkinElmer Optoelectronics GP-489 Datasheet HTML 3Page - PerkinElmer Optoelectronics GP-489 Datasheet HTML 4Page - PerkinElmer Optoelectronics GP-489 Datasheet HTML 5Page - PerkinElmer Optoelectronics GP-489 Datasheet HTML 6Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PerkinElmer Optoelectronics
page 4
EG&G
Model No.
GP-485
GP-486
GP-488
GP-489
Min (kV)
2
2
2
2
Max (kV)
4
4
4
4
SBV
Minimum
Static
Breakdown
Voltage (kV)
4.5
4.5
4.5
4.5
VT(Open Circuit)
Minimum
Trigger
Voltage
(kV)
2
2
2
2
Peak
Pulse
Current
(kA)
10
10
10
10
E - E
Operating Range
OPERATING SPECIFICATIONS
Environmental Specifications
Ambient/Operating temperature range
-45 to +100°C. Storage temperature range -65 to + 125°C
Vibration
15 to 500 Hz at 10 g maximum
Shock
per MIL-STD-202D, method 204, Test Condition A (30g, 11 mS).
Thermal Shock
per MIL-STD-202D, method 107, Test Condition B (-65 to + 125°C).
Humidity
per MIL-T-5422E, paragraph 4.4.
Electrical Specifications
Electrode capacity
Less than 5 pf.
Interelectrode resistance
Greater than 1010 ohms at 500 V.
Mechanical Specifications
Envelope
Ceramic-metal, hermetically sealed, exposed metal parts nickel plated.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com