Electronic Components Datasheet Search
  English  ▼

X  

GP-489 Datasheet(PDF) 1 Page - PerkinElmer Optoelectronics

Part # GP-489
Description  Mini-Triggered Spark Gaps and Transformers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

GP-489 Datasheet(HTML) 1 Page - PerkinElmer Optoelectronics

  GP-489 Datasheet HTML 1Page - PerkinElmer Optoelectronics GP-489 Datasheet HTML 2Page - PerkinElmer Optoelectronics GP-489 Datasheet HTML 3Page - PerkinElmer Optoelectronics GP-489 Datasheet HTML 4Page - PerkinElmer Optoelectronics GP-489 Datasheet HTML 5Page - PerkinElmer Optoelectronics GP-489 Datasheet HTML 6Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PerkinElmer Optoelectronics
page 3
P
erkinElmer’s Mini-Triggered
Spark Gaps are designed for high relia-
bility switching up to 4 kV and 10 kA.
Constructed of hermetically sealed
ceramic-metal, filled with pressurized
gas, they are typically used for activating
electro-explosive devices such as
exploding bridgewires, electronic
safe and arm systems, and detonators.
PerkinElmer’s Trigger Transformers are
matched to the requirements of the
Mini-Triggered Spark Gaps to provide
a high voltage pulse with a fast rise
time and low current. PerkinElmer
Trigger Transformers are designed
to be the most durable and reliable
transformers available.
Features
• High reliability
• Extremely low jitter
• Environmentally durable
• Small size
• Matching trigger transformers
EVERYTHING
IN A
NEW
LIGHT.
Mini-Triggered
Spark Gaps
and Transformers


Similar Part No. - GP-489

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
GP-41B PERKINELMER-GP-41B Datasheet
67Kb / 4P
Triggered Spark Gaps
GP-46B PERKINELMER-GP-46B Datasheet
67Kb / 4P
Triggered Spark Gaps
More results

Similar Description - GP-489

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
GP-89 PERKINELMER-GP-89 Datasheet
67Kb / 4P
Triggered Spark Gaps
GPV-63 PERKINELMER-GPV-63 Datasheet
59Kb / 4P
Triggered Vacuum Gaps
logo
Clare, Inc.
TG-221 CLARE-TG-221 Datasheet
77Kb / 3P
HIGH-ENERGY TRIGGERED SPARK GAPS
TX45 CLARE-TX45 Datasheet
186Kb / 4P
HIGH-ENERGY TRIGGERED SPARK GAPS
logo
Rhombus Industries Inc.
T-35000 RHOMBUS-IND-T-35000 Datasheet
25Kb / 1P
Mini Audio Transformers
logo
MPS Industries, Inc.
R33M MPSIND-R33M Datasheet
255Kb / 1P
MINI RF TRANSFORMERS
R34M MPSIND-R34M Datasheet
255Kb / 1P
MINI BALUN TRANSFORMERS
logo
Taiyo Yuden (U.S.A.), I...
AG20PC152F-L3N TAIYO-YUDEN-AG20PC152F-L3N Datasheet
360Kb / 2P
SPARK GAPS
logo
List of Unclassifed Man...
AG15P152FB ETC2-AG15P152FB Datasheet
360Kb / 2P
SPARK GAPS
logo
Coilcraft lnc.
WBC1-1LC COILCRAFT-WBC1-1LC_15 Datasheet
407Kb / 5P
Mini Wideband Transformers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com