Electronic Components Datasheet Search
  English  ▼

X  

TCSA Datasheet(PDF) 2 Page - Littelfuse

Part # TCSA
Description  Current Monitoring Relays and Transducers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TCSA Datasheet(HTML) 2 Page - Littelfuse

  TCSA Datasheet HTML 1Page - Littelfuse TCSA Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
www.littelfuse.com/
Rev: 1-A-062716
Protection Relays
Current Monitoring Relays and Transducers
www.littelfuse.com/tcsa
TCSA SERIES
Accessories
P1023-6 Mounting bracket
The 90° orientation of mounting slots makes
installation/removal of modules quick and easy.
P1015-64 (AWG 14/16)
Female Quick Connect
These 0.25 in. (6.35 mm) female terminals are
constructed with an insulator barrel to provide
strain relief.
P1015-18 Quick Connect to Screw Adapter
Screw adapter terminal designed for use with
all modules with 0.25 in. (6.35 mm) male quick
connect terminals.
C103PM (AL) DIN Rail
35 mm aluminum DIN rail available in a 36 in.
(91.4 cm) length.
P1023-20 DIN Rail Adapter
Allows module to be mounted on a 35 mm DIN
type rail with two #10 screws.
Specifications
Sensor
Type
Toroid, through hole wiring, alternating current,
monitored conductor must be properly insulated
Monitored AC Current
0 - 50A
Ranges
4 Factory Calibrated Ranges 0 - 5A, 0 - 10A, 0 - 20A, or 0 - 50A
Factory Calibration
≤±2% of full scale
Maximum Allowable Current Steady – 50A turns; Inrush – 300A turns for 10s
Repeat Accuracy
≤±0.25% of full scale under fixed conditions
Response Time
≅ 300ms
Burden
≤ 0.5VA
AC Line Frequency
0 - 20A / 21 - 50A
20 - 100Hz / 30 - 100Hz
Temperature Coefficient
±0.05%/°C
Output
Type: Series Connection
Current directly proportional to
monitored current
Range
4 - 20mA
Sensor Supply Voltage*
10 to 30VDC
Momentary Voltage
40VDC for 1m
Zero Adjust
≅ 3.75 - 4.25mA
Span Adjust
18mA - 22mA
Adjustment
Mini-screw, 25-turn potentiometer
Protection
Dielectric Breakdown
≥ 2000V RMS terminals to mounting surface
Insulation Resistance
≥ 100 MΩ
Polarity
Units are reverse polarity protected
Mechanical
Mounting
Surface mount with one #10 (M5 x 0.8) screw
Dimensions
H 50.8 mm (2.0”); W 50.8 mm (2.0”);
D 44.5 mm (1.75”)
Termination
0.25 in. (6.35 mm) male quick connect terminals
Sensor Hole
0.36 in. (9.14 mm) for up to #4 AWG (21.1 mm2)
THHN wire
Environmental
Operating/Storage
Temperature
-30° to 60°C/-40° to 85°C
Humidity
95% relative, non-condensing
Weight
≅ 2.4 oz (68 g)
*Minimum loop-power supply voltage equals the minimum sensor voltage 10VDC plus the
voltage drop developed across all the other loop devices at 20mA.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com