Electronic Components Datasheet Search
  English  ▼

X  

TCSA Datasheet(PDF) 1 Page - Littelfuse

Part # TCSA
Description  Current Monitoring Relays and Transducers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TCSA Datasheet(HTML) 1 Page - Littelfuse

  TCSA Datasheet HTML 1Page - Littelfuse TCSA Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
www.littelfuse.com/
Rev: 1-A-062716
Protection Relays
Current Monitoring Relays and Transducers
www.littelfuse.com/tcsa
TCSA SERIES
Description
The TCSA Series is a loop-powered, linear output current
transducer that provides an output that is directly proportional
to the RMS AC current passing through the onboard toroid. The
TCSA provides a 4 - 20mA output over a power supply range of
10 - 30VDC. Each unit is factory calibrated for monitoring in one
of four ranges; 0-5, 0-10, 0-20, or 0-50A. The 0 - 5A range allows
the use of external current transformers so loads up to 1200AC
amps can be monitored.
Operation
The TCSA varies the effective resistance of its output in direct
proportion to the current flowing in the monitored conductor.
The unit is factory calibrated so that 0 amps provides a 4mA
output and full span provides a 20mA output. Zero and span
adjustments are provided for minor calibration adjustments in
the field (if required).
Using an External CurrentTransformer (CT)
Select a 2VA, 0 to 5A output CT, rated for the current to be
monitored. Select TCSA5. Pass one of the CT’s secondary wire
leads through the TCSA’s toroid. Connect the CT’s secondary
leads together.
1
2
4
10
20
18
16
14
12
10
8
6
4
2
4
8
20
3
6
12
30
4
8
16
40
5
10
20
50
0
Features
J
J
Monitors 0 - 50A in 4 ranges
J
J
Loop powered from 10 to 30VDC
J
J
Linear output from 4 - 20mA
J
J
Zero & span adjustments
J
J
Complete isolation between sensed current & control circuit
Wiring Diagram
CurrentTransducers
PS
PS = Power Supply
Z = Zero Adjust
S = Span Adjust
W = Insulated Wire Carrying
Monitored Current
PLC = PLC Analog Input
or Meter Input
Ordering Information
MODEL
CURRENT RANGE
TCSA5
0-5A
TCSA10
0-10A
TCSA20
0-20A
TCSA50
0-50A
If you don’t find the part you need, call us for a custom product 800-843-8848


Similar Part No. - TCSA

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
TCSA104K035 HOTTECH-TCSA104K035 Datasheet
379Kb / 4P
CHIP TANTALUM CAPACITORS
TCSA104K050 HOTTECH-TCSA104K050 Datasheet
379Kb / 4P
CHIP TANTALUM CAPACITORS
TCSA104M035 HOTTECH-TCSA104M035 Datasheet
379Kb / 4P
CHIP TANTALUM CAPACITORS
TCSA104M050 HOTTECH-TCSA104M050 Datasheet
379Kb / 4P
CHIP TANTALUM CAPACITORS
TCSA105K020 HOTTECH-TCSA105K020 Datasheet
379Kb / 4P
CHIP TANTALUM CAPACITORS
More results

Similar Description - TCSA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A82-10 ETC2-A82-10 Datasheet
61Kb / 3P
Monitoring Relays AC Current Transformer
E82-2050 ETC2-E82-2050 Datasheet
55Kb / 2P
Monitoring Relays AC Current Transformer
logo
Littelfuse
LCSC10T12 LITTELFUSE-LCSC10T12 Datasheet
293Kb / 2P
Protection Relays Current Monitoring Relays and Transducers
Rev: 1-A-062716
CP5 LITTELFUSE-CP5 Datasheet
177Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
ECS LITTELFUSE-ECS Datasheet
387Kb / 3P
Current Monitoring Relays and Transducers
2018 Rev: 1-A-062716
ECSW LITTELFUSE-ECSW Datasheet
301Kb / 3P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
LCS10T12 LITTELFUSE-LCS10T12 Datasheet
189Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
LSR-0 LITTELFUSE-LSR-0 Datasheet
453Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
LSR-XXX LITTELFUSE-LSR-XXX Datasheet
210Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
TCS LITTELFUSE-TCS Datasheet
415Kb / 2P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062116
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com