Electronic Components Datasheet Search
  English  ▼

X  

TDB Datasheet(PDF) 2 Page - Littelfuse

Part # TDB
Description  DELAY-ON-BREAK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TDB Datasheet(HTML) 2 Page - Littelfuse

  TDB Datasheet HTML 1Page - Littelfuse TDB Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Littelfuse.com
© 2021 Littelfuse, Inc.
Rev: 1-B-030121
2 of 2
Time Delay Relays
DELAY-ON-BREAK
Disclaimer Notice – Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their own applications. Littelfuse
products are not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at www.littelfuse.com/product-disclaimer.
Accessories
OT08PC 8-pin Octal Socket for UL listing*
8-pin 35 mm DIN-rail or surface mount. Rated
at 10 A @ 600 V ac. Surface mounted with two
#6 screws or snaps onto a 35 mm DIN rail.
OT11PC Octal Socket for UL listing*
11-pin surface & DIN-rail mountable. Rated for
10 A @ 300 V ac
P1011-6 Octal Socket for UL listing*
8-pin surface mount socket with binder head
screw terminals. Rated 10 A @ 600 V ac.
C103PM (AL) DIN Rail
35 mm aluminum DIN rail available in a 36 in.
(91.4 cm) length.
Digi-Set Binary Switch Operation
Specifications
Time Delay
Type
Digital integrated circuitry
Range
0.1–102.3 s in 0.1 s increments
1–1023 s in 1 s increments
10–10,230 s in 10 s increments
Repeat Accuracy
±0.1 %
Setting Accuracy
±2 %
Reset Time
≤ 150 ms
Time Delay vs Temp.
& Voltage
±5 %
Indicator
LED indicates relay is energized
Initiate Time
≤ 60 ms
Input
Voltage
12, 24/28 V dc; 24, 120, or 230 V ac
Tolerance
12 V dc & 24 V dc/ac
-15% – 20%
120 & 230 V ac
-20% – 10%
AC Line Frequency
50/60 Hz
Power Consumption
≤ 3.25W
Output
Type
Electromechanical relay
Form
SPDT or DPDT
Rating
8 A resistive @ 120/240 V ac;
1/3 hp @ 120/240 V ac
Life
Mechanical - 1 x 107; Electrical - 1 x 106
Protection
Isolation Voltage
≥ 1500 V rms input to output
Polarity
Dc units reverse polarity protected
Mechanical
Mounting
Plug-in socket
Dimensions
H 44.45 mm (1.75”); W 60.33 mm (2.38”);
D (with socket) 104.78 mm (4.13”)
Termination
Octal 8-pin plug-in or 11-pin plug-in
Environmental
Operating/Storage
Temperature
-20 °C to 65 °C / -30 °C to 85 °C
Weight
≅ 4 oz (113 g)
Safety Marks
UL (socket required)*
UL 508 (E57310)
*UL Listed when used with Part Number OT08-PC, RB08-PC, OT11-PC, or RB11-PC
manufactured by Custom Connector Corp.
Note: Manufacturer's recommended screw terminal torque for the OT series
sockets is 12 in-lbs.
DELAY-ON-BREAK (OFF-DELAY)
V = Voltage
S1 = Initiate Switch
NO = Normally
Open Contact
NC = Normally
Closed Contact
TD =Time Delay
t = Incomplete
Time Delay
R = Reset
= Undefined
Time
Function Diagram



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com