Electronic Components Datasheet Search
  English  ▼

X  

TDB Datasheet(PDF) 1 Page - Littelfuse

Part # TDB
Description  DELAY-ON-BREAK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TDB Datasheet(HTML) 1 Page - Littelfuse

  TDB Datasheet HTML 1Page - Littelfuse TDB Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Littelfuse.com
© 2021 Littelfuse, Inc.
Rev: 1-B-030121
1 of 2
Time Delay Relays
DELAY-ON-BREAK
Wiring Diagram
L1
N/L2
L1
N/L2
8-PIN OCTAL SPDT
S1 = Initiate Switch
Relay contacts are isolated
11-PIN DPDT
Ordering Information
MODEL
INPUT VOLTAGE
DELAY RANGE (SEC)
LED
TYPE PLUG/OUTPUT FORM
TDB120AL
120 V ac
1–1023 in 1 s increments
X
Octal (8-pin) plug, SPDT
TDB120ALD
120 V ac
1–1023 in 1 s increments
X
11-pin plug, DPDT
TDB12D
12 V dc
1–1023 in 1 s increments
Octal (8-pin) plug, SPDT
TDB230AL
230 V ac
1–1023 in 1 s increments
X
Octal (8-pin) plug, SPDT
TDB24AL
24 V ac
1–1023 in 1 s increments
X
Octal (8-pin) plug, SPDT
TDB24DL
24 V dc/ 28 V dc
1–1023 in 1s increments
X
Octal (8-pin) plug, SPDT
TDBH120AL
120 V ac
10–10230 in 10 s increments
X
Octal (8-pin) plug, SPDT
TDBH120ALD
120 V ac
10–10230 in 10 s increments
X
11-pin plug, DPDT
TDBL120AL
120 V ac
0.1–102.3 in 0.1 s increments
X
Octal (8-pin) plug, SPDT
TDBL120ALD
120 V ac
0.1–102.3 in 0.1 s increments
X
11-pin plug, DPDT
TDBL24DL
24 V dc/ 28 V dc
0.1–102.3 in 0.1 s increments
X
Octal (8-pin) plug, SPDT
Description
The TDB series combines accurate digital circuitry with
isolated, 8 A, DPDT or SPDT contacts in an 8-pin or 11-pin
plug-in package. The TDB series features DIP switch
selectable time delays ranging from 0.1–10,230 seconds in
three ranges. The TDB series is the product of choice for
custom control panel and OEM designers.
Operation (Delay-on-Break)
Input voltage must be applied to the input before and during
timing. Upon closure of the initiate switch, the output relay
is energized. The time delay begins when the initiate switch
is opened (trailing edge triggered). The output remains
energized during timing. At the end of the time delay, the
output de-energizes. The output will energize if the initiate
switch is closed when input voltage is applied.
Reset: Reclosing the initiate switch during timing resets the
time delay. Loss of input voltage resets the time delay and
output.
Features & Benefits
FEATURES
BENEFITS
3 time ranges available
(0.1 s to 2.8 h)
Makes it versatile for use in many
applications
Microcontroller based
Repeat Accuracy +/- 0.1 %;
Setting Accuracy +/- 2 %
LED indication
(select models)
Provides visual indication of relay status
Dip switch adjustment
Provides first time setting accuracy
Isolated output contacts
Allows control of loads with independent
voltage sources
*
TDB / TDBH / TDBL Series


Similar Part No. - TDB

ManufacturerPart #DatasheetDescription
logo
Automatic Timing & Cont...
TDB ATC-TDB Datasheet
513Kb / 1P
Interval Relay Output
logo
Siemens Semiconductor G...
TDB 0723 A-723 SIEMENS-TDB 0723 A-723 Datasheet
297Kb / 16P
Precision Voltage Regulator
TDB 0723-723 SIEMENS-TDB 0723-723 Datasheet
297Kb / 16P
Precision Voltage Regulator
logo
Adam Technologies, Inc.
TDB-08 ADAM-TECH-TDB-08 Datasheet
148Kb / 1P
BARRIER TERMINAL STRIPS
logo
Automatic Timing & Cont...
TDB-120-AFA ATC-TDB-120-AFA Datasheet
513Kb / 1P
Interval Relay Output
More results

Similar Description - TDB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
HRDB LITTELFUSE-HRDB Datasheet
643Kb / 2P
Delay-on-Break Timer
2016 Rev: 1-A-062116
HRPS LITTELFUSE-HRPS Datasheet
573Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
KRDB LITTELFUSE-KRDB Datasheet
524Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
KSDB LITTELFUSE-KSDB Datasheet
514Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
ORB LITTELFUSE-ORB Datasheet
455Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TSDB LITTELFUSE-TSDB Datasheet
514Kb / 2P
Time Delay Relays - Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
THDB LITTELFUSE-THDB Datasheet
403Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TDMB LITTELFUSE-TDMB Datasheet
489Kb / 2P
Delay-on-Make/Delay-on-Break
2016 Rev: 1-A-062316
TDUB LITTELFUSE-TDUB Datasheet
419Kb / 2P
Delay-on-Break Timer
2016 Rev: 1-A-062116
CT1S30 LITTELFUSE-CT1S30 Datasheet
422Kb / 2P
Delay-on-Make/Delay-on-Break Timer
Rev: 1-A-062116
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com