Electronic Components Datasheet Search
  English  ▼

X  

TDI Datasheet(PDF) 2 Page - Littelfuse

Part # TDI
Description  Time Delay Relays / INTERVAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TDI Datasheet(HTML) 2 Page - Littelfuse

  TDI Datasheet HTML 1Page - Littelfuse TDI Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Littelfuse.com
© 2021 Littelfuse, Inc.
Rev: 1-B-030121
2 of 2
Time Delay Relays
INTERVAL
Disclaimer Notice – Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their own applications. Littelfuse
products are not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at www.littelfuse.com/product-disclaimer.
Specifications
Time Delay
Type
Digital integrated circuitry
Range
0.1–102.3 s in 0.1 s increments
1–1023 s in 1 s increments
10 – 10,230 s in 10 s increments
Repeat Accuracy
±0.1 %
Setting Accuracy
±2 %
Reset Time
≤ 150 ms
Time Delay vs Temp.
& Voltage
±5 %
Indicator
LED glows during timing; relay is energized
Input
Voltage
12, 24 V dc; 24, 120 V ac
Tolerance
12 V dc & 24 V dc/Ac
-15 %–+20 %
120 V ac
-20 %–+10 %
AC Line Frequency
50/60 Hz
Power Consumption
≤ 3.25W
Output
Type
Electromechanical relay
Form
DPDT
Rating
8 A resistive @ 120/240 V ac;
1/3 hp @ 120/240 V ac
Life
Mechanical - 1 x107; Electrical - 1 x 106
Protection
Polarity
Dc units are reverse polarity protected
Isolation Voltage
≥ 1500 V rms input to output
Mechanical
Mounting
Plug-in socket
Dimensions
H 44.45 mm (1.75”); W 60.33 mm (2.38”);
D (with socket) 104.78 mm (4.13”)
Termination
Octal 8-pin plug-in
Environmental
Operating/Storage
Temperature
-20 °C to 65 °C / -30 °C to 85 °C
Weight
≅ 4 oz (113 g)
Safety Marks
UL (socket required)*
UL 508 (E57310)
*UL Listed when used with Part Number OT08-PC or RB08-PC manufactured by
Custom Connector Corp.
Note: Manufacturer's recommended screw terminal torque for the OT Series
sockets is 12 in-lbs.
Digi-Set Binary Switch Operation
Function Diagram
INTERVAL (IMPULSE-ON)
V = Voltage
NO = Normally
Open Contact
NC = Normally
Closed Contact
TD =Time Delay
R = Reset
= Undefined
Time



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com