Electronic Components Datasheet Search
  English  ▼

X  

TDI Datasheet(PDF) 1 Page - Littelfuse

Part # TDI
Description  Time Delay Relays / INTERVAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TDI Datasheet(HTML) 1 Page - Littelfuse

  TDI Datasheet HTML 1Page - Littelfuse TDI Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Littelfuse.com
© 2021 Littelfuse, Inc.
Rev: 1-B-030121
1 of 2
Time Delay Relays
INTERVAL
TDI / TDIH / TDIL Series
Wiring Diagram
MODEL
INPUT VOLTAGE
TIME DELAY
LED
TDI120AL
120 V ac
1–1023 s in
1 s increments
Yes
TDI12D
12 V dc
1–1023 s in
1 s increments
No
TDIH24AL
24 V ac
10–10,230 s in 10
s increments
Yes
TDIL120AL
120 V ac
0.1–102.3 s in 0.1
s increments
Yes
TDIL24DL
24 V dc/28 V dc
0.1–102.3 s in 0.1
s increments
Yes
L1
N/L2
Relay contacts are
isolated.
Description
The TDI series is an interval timer that combines accurate
digital circuitry with isolated, 8 A rated, DPDT relay contacts
in an 8-pin plug-in package. The TDI series features DIP
switch selectable time delays ranging from 0.1 to 10,230
seconds in three ranges. The TDI series is the product of
choice for custom control panel and OEM designers.
Operation (Interval)
Upon application of input voltage, the time delay begins.
The output relay is energized during the time delay. At the
end of the time delay, the output de-energizes and remains
de-energized until input voltage is removed.
Reset: Removing input voltage resets the time delay and
the output.
Features & Benefits
FEATURES
BENEFITS
Digital circuitry
Repeat Accuracy + / - 0.1 %,
Setting accuracy + / - 2 %
Isolated, 8 A, DPDT
output contacts
Allows control of loads with independent
voltage sources
DIP switch adjustment
Provides first time setting accuracy
Industry standard octal
plug connection
Eliminates need for special connectors
LED indication
(select models)
Provides visual indication of timing and
output status
Accessories
OT08PC 8-pin Octal Socket for UL listing*
8-pin 35 mm DIN-rail or surface mount. Rated
at 10 A @ 600 V ac. Surface mounted with two
#6 screws or snaps onto a 35 mm DIN rail.
C103PM (AL) DIN Rail
35 mm aluminum DIN rail available in a 36 in.
(91.4 cm) length.
Ordering Information
*


Similar Part No. - TDI

ManufacturerPart #DatasheetDescription
logo
Automatic Timing & Cont...
TDI ATC-TDI Datasheet
307Kb / 1P
Delayed Single Shot Relay Output
TDI-120-AFA ATC-TDI-120-AFA Datasheet
307Kb / 1P
Delayed Single Shot Relay Output
TDI-120-AFB ATC-TDI-120-AFB Datasheet
307Kb / 1P
Delayed Single Shot Relay Output
TDI-120-AKA ATC-TDI-120-AKA Datasheet
307Kb / 1P
Delayed Single Shot Relay Output
TDI-120-AKB ATC-TDI-120-AKB Datasheet
307Kb / 1P
Delayed Single Shot Relay Output
More results

Similar Description - TDI

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
821TD10H-UNI SCHNEIDER-821TD10H-UNI Datasheet
482Kb / 6P
Time Delay Relays
logo
Littelfuse
TRDU LITTELFUSE-TRDU Datasheet
838Kb / 3P
Time Delay Relays Multifunction
2016
THD2 LITTELFUSE-THD2 Datasheet
422Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-061016
TRU LITTELFUSE-TRU Datasheet
491Kb / 2P
Time Delay Relays / Multifunction
2018 Rev: 1-A-032318
TSD2 LITTELFUSE-TSD2 Datasheet
602Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-062116
TSD6 LITTELFUSE-TSD6 Datasheet
609Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-062216
TSD7 LITTELFUSE-TSD7 Datasheet
558Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-061016
TDUI LITTELFUSE-TDUI Datasheet
398Kb / 2P
Time Delay Relays / Dedicated - Interval
2016 Rev: 1-A-061016
TA12D1 LITTELFUSE-TA12D1 Datasheet
414Kb / 2P
Time Delay Relays
Rev: 1-A-062316
TL120A5T LITTELFUSE-TL120A5T Datasheet
414Kb / 2P
Time Delay Relays
Rev: 1-A-062316
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com