Electronic Components Datasheet Search
  English  ▼

X  

AM2632 Datasheet(PDF) 6 Page - Texas Instruments

Part # AM2632
Description  AM263x Sitara™ Microcontrollers
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2632 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AM2632 Datasheet HTML 2Page - Texas Instruments AM2632 Datasheet HTML 3Page - Texas Instruments AM2632 Datasheet HTML 4Page - Texas Instruments AM2632 Datasheet HTML 5Page - Texas Instruments AM2632 Datasheet HTML 6Page - Texas Instruments AM2632 Datasheet HTML 7Page - Texas Instruments AM2632 Datasheet HTML 8Page - Texas Instruments AM2632 Datasheet HTML 9Page - Texas Instruments AM2632 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 164 page
background image
• (Comparator Subsystem A (CMPSSA)): Updated Input Leakage TYP value "1 μA" to "0.1 μA" and added
MAX value "5 μA"............................................................................................................................................. 68
• (Comparator Subsystem B (CMPSSB)): Updated Comparator input range MIN value from "0 V" to "0.1 V" and
MAX value from "1.8 x DAC_VREF" to "VDDA33 - 50mV"...............................................................................68
• (Comparator Subsystem B (CMPSSB)): Updated DAC output range MIN value from "0 V" to "0.1 V" and MAX
value from "DAC_VREF" to "Minimum of 33/18 x DAC_VREF or VDDA33 - 50mV"....................................... 68
• (Comparator Subsystem B (CMPSSB)): Updated DAC static offset error MIN value from "–20 mV" to "–45
mV" and max value from "70 mV" to "45 mV"...................................................................................................68
• (Comparator Subsystem B (CMPSSB)): Updated DAC MAX settling time from "2 μs" to "1 μs"..................... 68
• (Comparator Subsystem B (CMPSSB)): Updated DAC_VREF loading TYP value from "6 kΩ" to "37 kΩ"..... 68
• (Comparator Subsystem B (CMPSSB)): Updated Input Leakage TYP value "1 μA" to "0.1 μA" and added
MAX value "5 μA"............................................................................................................................................. 68
• (Digital-to-Analog Converter (DAC)): Updated Power-up time MAX value from "10 µs" to "1 µs" ...................68
• (Hardware Design Guide): Added new section...............................................................................................151
• (Device Naming Convention): Changed "Device Speed and Memory Grades" to "Device Operating
Performance Points".......................................................................................................................................154
• (Device Naming Convention): Removed M OPP speed grade row................................................................ 154
• (Documentation Support): Added AM263x TRM Register Addendum Link....................................................156
AM2634, AM2634-Q1, AM2632, AM2632-Q1, AM2631, AM2631-Q1
SPRSP74C – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2634 AM2634-Q1 AM2632 AM2632-Q1 AM2631 AM2631-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com