Electronic Components Datasheet Search
  English  ▼

X  

AM2632 Datasheet(PDF) 13 Page - Texas Instruments

Part # AM2632
Description  AM263x Sitara™ Microcontrollers
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2632 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AM2632 Datasheet HTML 9Page - Texas Instruments AM2632 Datasheet HTML 10Page - Texas Instruments AM2632 Datasheet HTML 11Page - Texas Instruments AM2632 Datasheet HTML 12Page - Texas Instruments AM2632 Datasheet HTML 13Page - Texas Instruments AM2632 Datasheet HTML 14Page - Texas Instruments AM2632 Datasheet HTML 15Page - Texas Instruments AM2632 Datasheet HTML 16Page - Texas Instruments AM2632 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 164 page
background image
Table 6-1. Pin Attributes (ZCZ Package)
BALL
NUMBER
[1]
BALL NAME [2]/
IOMUX
REGISTER [15]/
ADDRESS [16]/
DEFAULT VALUE [17]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE [5]
BALL
STATE
DURING
RESET
RX/TX/PULL [7]
BALL
STATE
AFTER
RESET
RX/TX/PULL [8]
MUX
MODE
AFTER
RESET [9]
IO
VOLTAGE
[10]
POWER [11]
HYS
[12]
BUFFER
TYPE [14]
PULL
TYPE
[13]
V15
ADC0_AIN0
ADC0_AIN0
I
3.3 V
VDDA_CIO
AnalogCIO
U15
ADC0_AIN1
ADC0_AIN1
I
3.3 V
VDDA_CIO
AnalogCIO
T14
ADC0_AIN2
ADC0_AIN2
I
3.3 V
VDDA_CIO
AnalogCIO
U14
ADC0_AIN3
ADC0_AIN3
I
3.3 V
VDDA_CIO
AnalogCIO
U13
ADC0_AIN4
ADC0_AIN4
I
3.3 V
VDDA_CIO
AnalogCIO
R14
ADC0_AIN5
ADC0_AIN5
I
3.3 V
VDDA_CIO
AnalogCIO
T11
ADC1_AIN0
ADC1_AIN0
I
3.3 V
VDDA_CIO
AnalogCIO
U11
ADC1_AIN1
ADC1_AIN1
I
3.3 V
VDDA_CIO
AnalogCIO
T12
ADC1_AIN2
ADC1_AIN2
I
3.3 V
VDDA_CIO
AnalogCIO
V12
ADC1_AIN3
ADC1_AIN3
I
3.3 V
VDDA_CIO
AnalogCIO
U12
ADC1_AIN4
ADC1_AIN4
I
3.3 V
VDDA_CIO
AnalogCIO
R12
ADC1_AIN5
ADC1_AIN5
I
3.3 V
VDDA_CIO
AnalogCIO
R10
ADC2_AIN0
ADC2_AIN0
I
3.3 V
VDDA_CIO
AnalogCIO
T10
ADC2_AIN1
ADC2_AIN1
I
3.3 V
VDDA_CIO
AnalogCIO
U10
ADC2_AIN2
ADC2_AIN2
I
3.3 V
VDDA_CIO
AnalogCIO
T9
ADC2_AIN3
ADC2_AIN3
I
3.3 V
VDDA_CIO
AnalogCIO
V9
ADC2_AIN4
ADC2_AIN4
I
3.3 V
VDDA_CIO
AnalogCIO
T8
ADC2_AIN5
ADC2_AIN5
I
3.3 V
VDDA_CIO
AnalogCIO
U7
ADC3_AIN0
ADC3_AIN0
I
3.3 V
VDDA_CIO
AnalogCIO
U8
ADC3_AIN1
ADC3_AIN1
I
3.3 V
VDDA_CIO
AnalogCIO
T7
ADC3_AIN2
ADC3_AIN2
I
3.3 V
VDDA_CIO
AnalogCIO
R7
ADC3_AIN3
ADC3_AIN3
I
3.3 V
VDDA_CIO
AnalogCIO
V8
ADC3_AIN4
ADC3_AIN4
I
3.3 V
VDDA_CIO
AnalogCIO
U9
ADC3_AIN5
ADC3_AIN5
I
3.3 V
VDDA_CIO
AnalogCIO
U6
ADC4_AIN0
ADC4_AIN0
I
3.3 V
VDDA_CIO
AnalogCIO
V5
ADC4_AIN1
ADC4_AIN1
I
3.3 V
VDDA_CIO
AnalogCIO
V4
ADC4_AIN2
ADC4_AIN2
I
3.3 V
VDDA_CIO
AnalogCIO
U5
ADC4_AIN3
ADC4_AIN3
I
3.3 V
VDDA_CIO
AnalogCIO
V3
ADC4_AIN4
ADC4_AIN4
I
3.3 V
VDDA_CIO
AnalogCIO
U4
ADC4_AIN5
ADC4_AIN5
I
3.3 V
VDDA_CIO
AnalogCIO
U16
ADC_CAL0
ADC_CAL0
I
3.3 V
VDDA_CIO
AnalogCIO
T15
ADC_CAL1
ADC_CAL1
I
3.3 V
VDDA_CIO
AnalogCIO
V14
ADC_VREFHI_G0
ADC_VREFHI_G0
A
1.8 V
VDDA_CIO
AnalogCIO
V10
ADC_VREFHI_G1
ADC_VREFHI_G1
A
1.8 V
VDDA_CIO
AnalogCIO
V6
ADC_VREFHI_G2
ADC_VREFHI_G2
A
1.8 V
VDDA_CIO
AnalogCIO
V13
ADC_VREFLO_G0
ADC_VREFLO_G0
A
1.8 V
VDDA_CIO
AnalogCIO
www.ti.com
AM2634, AM2634-Q1, AM2632, AM2632-Q1, AM2631, AM2631-Q1
SPRSP74C – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: AM2634 AM2634-Q1 AM2632 AM2632-Q1 AM2631 AM2631-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com