Electronic Components Datasheet Search
  English  ▼

X  

ESD751 Datasheet(PDF) 8 Page - Texas Instruments

Part # ESD751
Description  ESD751 and ESD761 24-V 1-Channel ESD Protection Diodes
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD751 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ESD751 Datasheet HTML 4Page - Texas Instruments ESD751 Datasheet HTML 5Page - Texas Instruments ESD751 Datasheet HTML 6Page - Texas Instruments ESD751 Datasheet HTML 7Page - Texas Instruments ESD751 Datasheet HTML 8Page - Texas Instruments ESD751 Datasheet HTML 9Page - Texas Instruments ESD751 Datasheet HTML 10Page - Texas Instruments ESD751 Datasheet HTML 11Page - Texas Instruments ESD751 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The ESD751 and ESD761 are single channel TVS diodes which are used to provide a path to ground for
dissipating ESD events on USB-PD or industrial I/O lines. As the current from ESD passes through the TVS,
only a small voltage drop is present across the diode. This is the voltage presented to the protected IC. The low
RDYN of the triggered TVS holds this voltage, VCLAMP, to a safe level for the protected IC.
8.2 Typical Application
USB
Connector
VBUS
CC1
CC2
SBU1
SBU2
D+
D-
Over Voltage
Protection
USB PD
Controller
ESD751
ESD751
ESD751
ESD751
ESD761
ESD761
ESD751
Figure 8-1. Typical Application
8.2.1 Design Requirements
For this design example, the ESD751 and ESD761 are used to provide ESD protection on a USB-PD connector.
Table 8-1 lists the known design parameters for this application.
Table 8-1. Design Parameters for Typical Applications
Design Parameter
Value
Diode configuration
Bidirectional
VBUS Voltage
+ 20 V
VIO differential signal range
±3.3 V
VRWM
±24 V
Short to VBUS event on VIO
±20 V
Data rate
Up to 480 Mbps
ESD751, ESD761
SLVSH10B – NOVEMBER 2022 – REVISED DECEMBER 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ESD751 ESD761



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com