Electronic Components Datasheet Search
  English  ▼

X  

ESD751 Datasheet(PDF) 9 Page - Texas Instruments

Part # ESD751
Description  ESD751 and ESD761 24-V 1-Channel ESD Protection Diodes
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD751 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ESD751 Datasheet HTML 5Page - Texas Instruments ESD751 Datasheet HTML 6Page - Texas Instruments ESD751 Datasheet HTML 7Page - Texas Instruments ESD751 Datasheet HTML 8Page - Texas Instruments ESD751 Datasheet HTML 9Page - Texas Instruments ESD751 Datasheet HTML 10Page - Texas Instruments ESD751 Datasheet HTML 11Page - Texas Instruments ESD751 Datasheet HTML 12Page - Texas Instruments ESD751 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
8.2.2 Detailed Design Procedure
The ESD751 and ESD761 have a VRWM of ±24 V to protect the diode from being damaged during a short
event that can occur when one of the USB-PD slower speed lines (CC1, CC2, SBU1, SBU2, D+, and D-) is
shorted to VBUS. The bidirectional characteristic ensures both positive and negative polarity are protected. The
low capacitance of 1.7 pF or less permits data rates up to 480 Mbps, which allows the designer to meet the
requirements for the D+ and D- signals. These devices have an IPP = 2.8 A and 1.8 A (8/20 µs), respectively.
The surge current capability of these devices is suitable for protecting the VBUS power rail.
8.2.2.1 Application Curves
Figure 8-2. +8-kV Clamped IEC Waveform
Figure 8-3. −8-kV Clamped IEC Waveform
9 Power Supply Recommendations
These devices are passive TVS diode-based ESD protection devices, therefore there is no requirement to power
them. Ensure that the maximum voltage specifications for each pin is not violated.
www.ti.com
ESD751, ESD761
SLVSH10B – NOVEMBER 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: ESD751 ESD761



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com