Electronic Components Datasheet Search
  English  ▼

X  

LMK0483PAP/EM Datasheet(PDF) 16 Page - Texas Instruments

Part # LMK0483PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK0483PAP/EM Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMK0483PAP/EM Datasheet HTML 12Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 13Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 14Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 15Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 16Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 17Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 18Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 19Page - Texas Instruments LMK0483PAP/EM Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 102 page
background image
8 Detailed Description
8.1 Overview
This device is very flexible to meet many application requirements. Use cases include dual loop, dual loop
0-delay nested, dual loop 0-delay cascaded, single loop, single loop 0-delay, and clock distribution.
The device may be used in JESD204B/C systems by providing a device clock and SYSREF to target devices,
however traditional (non-JESD204B/C) systems are possible by programming pairs of outputs to share the clock
divider or any mix of JESD204B/C and traditional outputs.
8.1.1 Differences from the LMK04832
The LMK04832 is a widely known device that is similar to this device. However, these devices are not the same
and there are some differences.
Table 8-1. Differences Between the LMK04832-SEP and LMK04832
Attribute
LMK04832
LMK04832-SEP
Radiation Hardened
No
50 MeV
Temperature
–40ºC to +85ºC
–55ºC to +125ºC
Package
10 × 10 mm
10 × 10 mm
Pin Rotation
n/a
Rotated 180° from LMK04832
6.4 GHz CLK/VCO Input Pin
No, Pins 8/9 are NC
Yes, Pins 40/41 are FIN0_P/FIN0_N
Pin After SYNC/SYSREFREQ Pin
NC (Pin 7)
GND (Pin 39)
Programming Speed
5 MHz
2.5 MHz
8.1.1.1 Jitter Cleaning
The dual loop PLL architecture provides the lowest jitter performance over a wide range of output frequencies
and phase noise integration bandwidths. The first stage PLL (PLL1) is driven by an external reference clock and
uses an external VCXO to provide a frequency accurate, low phase noise reference clock for the second stage
frequency multiplication PLL (PLL2).
PLL1 typically uses a narrow loop bandwidth (typically 10 Hz to 200 Hz) to retain the frequency accuracy of the
reference clock input signal while at the same time suppressing the higher offset frequency phase noise that
the reference clock may have accumulated along its path or from other circuits. This cleaned reference clock
provides the reference input to PLL2.
The low phase noise reference provided to PLL2 allows PLL2 to operate with a wide loop bandwidth (typically 50
kHz to 200 kHz). The loop bandwidth for PLL2 is chosen to take advantage of the superior high offset frequency
phase noise profile of the internal VCO and the good low offset frequency phase noise of the reference VCXO.
Ultra-low jitter is achieved by allowing the phase noise of the external VCXO to dominate the final output phase
noise at low offset frequencies and the phase noise of the internal VCO to dominate the final output phase noise
at high offset frequencies. This results in best overall phase noise and jitter performance.
8.1.1.2 JEDEC JESD204B/C Support
This device clocks up to seven JESD204B/C targets using seven device clocks and seven SYSREF clocks and
allows every clock output to be configured as a device clock or SYSREF clock.
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com