Electronic Components Datasheet Search
  English  ▼

X  

TNPW Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TNPW
Description  High Stability Thin Film Flat Chip Resistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TNPW Datasheet(HTML) 2 Page - Vishay Siliconix

  TNPW Datasheet HTML 1Page - Vishay Siliconix TNPW Datasheet HTML 2Page - Vishay Siliconix TNPW Datasheet HTML 3Page - Vishay Siliconix TNPW Datasheet HTML 4Page - Vishay Siliconix TNPW Datasheet HTML 5Page - Vishay Siliconix TNPW Datasheet HTML 6Page - Vishay Siliconix TNPW Datasheet HTML 7Page - Vishay Siliconix TNPW Datasheet HTML 8Page - Vishay Siliconix TNPW Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TNPW e3
www.vishay.com
Vishay
Revision: 23-Sep-2021
2
Document Number: 28758
For technical questions, contact: thinfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• The presented operation modes do not refer to different types of resistors, but actually show examples of different loads, that lead to
different film temperatures and different achievable load-life stability (drift) of the resistance value. A suitable low thermal resistance of the
circuit board assembly must be safeguarded in order to maintain the film temperature of the resistors within the specified limits. Please
consider the application note “Thermal Management in Surface-Mounted Resistor Applications” (www.vishay.com/doc?28844) for
information on the general nature of thermal resistance
MAXIMUM RESISTANCE CHANGE AT RATED DISSIPATION
OPERATION MODE
STANDARD
POWER
Rated dissipation,
P70
TNPW0201 e3
0.050 W
0.075 W
TNPW0402 e3
0.063 W
0.100 W
TNPW0603 e3
0.100 W
0.125 W
TNPW0805 e3
0.125 W
0.200 W
TNPW1206 e3
0.250 W
0.400 W
TNPW1210 e3
0.330 W
0.500 W
Operating temperature range
-55 °C to 125 °C
-55 °C to 155 °C
Permissible film temperature,
ϑF max.
125 °C
155 °C
Max. resistance change at
P70 for resistance range,
|
ΔR/R| after:
TNPW0201 e3
22
Ω to 40 kΩ
22
Ω to 40 kΩ
TNPW0402 e3
10
Ω to 100 kΩ
10
Ω to 100 kΩ
TNPW0603 e3
1
Ω to 332 kΩ
1
Ω to 332 kΩ
TNPW0805 e3
1
Ω to 1 MΩ
1
Ω to 1 MΩ
TNPW1206 e3
1
Ω to 2 MΩ
1
Ω to 2 MΩ
TNPW1210 e3
10
Ω to 3.01 MΩ
10
Ω to 3.01 MΩ
1000 h
≤ 0.05 %
≤ 0.10 %
8000 h
≤ 0.10 %
≤ 0.20 %
225 000 h
≤ 0.30 %
≤ 0.60 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com