Electronic Components Datasheet Search
  English  ▼

X  

TNPW Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TNPW
Description  High Stability Thin Film Flat Chip Resistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TNPW Datasheet(HTML) 3 Page - Vishay Siliconix

  TNPW Datasheet HTML 1Page - Vishay Siliconix TNPW Datasheet HTML 2Page - Vishay Siliconix TNPW Datasheet HTML 3Page - Vishay Siliconix TNPW Datasheet HTML 4Page - Vishay Siliconix TNPW Datasheet HTML 5Page - Vishay Siliconix TNPW Datasheet HTML 6Page - Vishay Siliconix TNPW Datasheet HTML 7Page - Vishay Siliconix TNPW Datasheet HTML 8Page - Vishay Siliconix TNPW Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TNPW e3
www.vishay.com
Vishay
Revision: 23-Sep-2021
3
Document Number: 28758
For technical questions, contact: thinfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
TYPE / SIZE
TCR
TOLERANCE
RESISTANCE
E-SERIES
TNPW0201 e3
± 25 ppm/K
± 0.5 %
22
Ω to 40 kΩ
E24; E192
± 0.1 %
22
Ω to 25 kΩ
TNPW0402 e3
± 50 ppm/K
± 1 %
10
Ω to 100 kΩ
E24; E96
± 0.5 %
E24; E192
± 0.1 %
47
Ω to 100 kΩ
± 25 ppm/K
± 1 %
10
Ω to 100 kΩ
E24; E96
± 0.5 %
E24; E192
± 0.1 %
47
Ω to 100 kΩ
± 15 ppm/K
± 0.1 %
± 10 ppm/K
TNPW0603 e3
± 50 ppm/K
± 1 %
1
Ω to 332 kΩ
E24; E96
± 0.5 %
E24; E192
± 0.1 %
3.5
Ω to 332 kΩ
± 25 ppm/K
± 1 %
1
Ω to 332 kΩ
E24; E96
± 0.5 %
E24; E192
± 0.1 %
3.5
Ω to 332 kΩ
± 15 ppm/K
± 0.1 %
47
Ω to 332 kΩ
± 10 ppm/K
TNPW0805 e3
± 50 ppm/K
± 1 %
1
Ω to 1 MΩ
E24; E96
± 0.5 %
E24; E192
± 0.1 %
3.5
Ω to 1 MΩ
± 25 ppm/K
± 1 %
1
Ω to 1 MΩ
E24; E96
± 0.5 %
E24; E192
± 0.1 %
3.5
Ω to 1 MΩ
± 15 ppm/K
± 0.1 %
± 10 ppm/K
TNPW1206 e3
± 50 ppm/K
± 1 %
1
Ω to 2 MΩ
E24; E96
± 0.5 %
E24; E192
± 0.1 %
3.5
Ω to 2 MΩ
± 25 ppm/K
± 1 %
1
Ω to 2 MΩ
E24; E96
± 0.5 %
E24; E192
± 0.1 %
3.5
Ω to 2 MΩ
± 15 ppm/K
± 0.1 %
47
Ω to 2 MΩ
± 10 ppm/K
TNPW1210 e3
± 50 ppm/K
± 1 %
10
Ω to 3.01 MΩ
E24; E96
± 0.5 %
E24; E192
± 0.1 %
47
Ω to 2.13 MΩ
± 25 ppm/K
± 1 %
10
Ω to 3.01 MΩ
E24; E96
± 0.5 %
E24; E192
± 0.1 %
47
Ω to 2.13 MΩ
± 15 ppm/K
± 0.1 %
± 10 ppm/K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com