Electronic Components Datasheet Search
  English  ▼

X  

B43821 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # B43821
Description  Single Ended GP - Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B43821 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button B43821 Datasheet HTML 7Page - List of Unclassifed Manufacturers B43821 Datasheet HTML 8Page - List of Unclassifed Manufacturers B43821 Datasheet HTML 9Page - List of Unclassifed Manufacturers B43821 Datasheet HTML 10Page - List of Unclassifed Manufacturers B43821 Datasheet HTML 11Page - List of Unclassifed Manufacturers B43821 Datasheet HTML 12Page - List of Unclassifed Manufacturers B43821 Datasheet HTML 13Page - List of Unclassifed Manufacturers B43821 Datasheet HTML 14Page - List of Unclassifed Manufacturers B43821 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
UN
Vdc
CN
120 Hz
20° C
µf
Case
Dimensions
ø d x I
mm
Il max
5 min
20° C
µA
tanδδ max
120 Hz
20°C
ESR max
120 Hz
20°C
Ω
Ω
Iac max
120 Hz
85ºC
mA(rms)
Ordering
code
Short
Code
200
0,47
0,68
1
1,5
2,2
3,3
4,7
6,8
10
10
22
33
33
47
68
100
150
220
270
330
6,3 x 11
6,3 x 11
6,3 x 11
6,3 x 11
6,3 x 11
6,3 x 11
8 x 11
10 x 12,5
10 x 16
10 x 12,5
10 x 20
12,5 x 25
10 x 20
12,5 x 25
16 x 20
16 x 25
18 x 31
18 x 35
20 x 35
22 x 35
18
19
21
24
28
356
43
56
75
75
147
213
213
297
423
615
915
1335
1635
1995
0,20
0,20
0,20
0,20
0,20
0,20
0,20
0,20
0,20
0,20
0,20
0,20
0,20
0,20
0,20
0,20
0,20
0,20
0,20
0,20
705
468
332
221
151
100
71
49
33
33
15
10
10
7,1
4,9
3,3
2,2
15
1,2
1,1
14
16
21
30
40
45
55
78
90
80
140
180
155
250
330
410
540
1000
1100
1200
-A2474-M
-A2684-M
-A2105-M
-A1155-M
-A1114-M
-A2335-M
-A2475-M
-A2685-M
-A2196-M
-B2106-M
-A2226-M
-A2336-M
-B2336-M
-A2476
-M
-A2686-M
-A2107-M
-A2157-M
-A2227-M
-A2277-M
-A2337-M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com