Electronic Components Datasheet Search
  English  ▼

X  

B43821 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # B43821
Description  Single Ended GP - Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B43821 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  B43821 Datasheet HTML 1Page - List of Unclassifed Manufacturers B43821 Datasheet HTML 2Page - List of Unclassifed Manufacturers B43821 Datasheet HTML 3Page - List of Unclassifed Manufacturers B43821 Datasheet HTML 4Page - List of Unclassifed Manufacturers B43821 Datasheet HTML 5Page - List of Unclassifed Manufacturers B43821 Datasheet HTML 6Page - List of Unclassifed Manufacturers B43821 Datasheet HTML 7Page - List of Unclassifed Manufacturers B43821 Datasheet HTML 8Page - List of Unclassifed Manufacturers B43821 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
UN
Vdc
CN
120 Hz
20° C
µf
Case
Dimensions
ø d x I
mm
Il max
5 min
20° C
µA
tanδδ max
120 Hz
20°C
ESR max
120 Hz
20°C
Ω
Ω
Iac max
120 Hz
85ºC
mA(rms)
Ordering
code
Short
Code
16
68
100
150
220
220
270
330
470
560
680
1 000
1 500
2 200
2 200
3 300
4 700
6 800
8 200
10 000
5 x 11
5 x 11
6,3 x 11
6,3 x 11
8 x 11
8 x 11
8 x 11
10 x 12,5
10 x 12,5
10 x 16
10 x 16
12,5 x 25
16 x 15
12,5 x 25
16 x 25
16 x 25
18 x 31
20 x 30
20 x 35
11
16
24
35
35
43
53
75
90
109
160
240
352
352
528
752
1088
1312
1600
0,20
0,20
0,20
0,20
0,20
0,20
0,20
0,20
0,20
0,20
0,20
0,20
0,22
0,22
0,24
0,26
0,30
0,34
0,38
4,9
3,3
2,2
1,5
1,5
1,2
1,0
0,71
0,59
0,49
0,38
0,22
0,17
0,17
0,12
0,09
0,07
0,07
0,06
90
160
165
220
260
270
350
500
450
540
720
970
900
1200
1580
1700
2250
2500
2600
-A4686
-A4107
-A4157
-F4227
-A4227
-A4277
-A4337
-A4477
-A4567
-A4687
-A4108
-A4158
-F4228
-A4228
-A4338*
-A4478*
-A4688*
-A4828*
-A4109*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com