Electronic Components Datasheet Search
  English  ▼

X  

ESD321 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ESD321
Description  ESD321 1-Channel 30 kV ESD Protection Diode with Low Capacitance (< 1 pF) in 0402 and SOD-523 Packages
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD321 Datasheet(HTML) 5 Page - Texas Instruments

  ESD321 Datasheet HTML 1Page - Texas Instruments ESD321 Datasheet HTML 2Page - Texas Instruments ESD321 Datasheet HTML 3Page - Texas Instruments ESD321 Datasheet HTML 4Page - Texas Instruments ESD321 Datasheet HTML 5Page - Texas Instruments ESD321 Datasheet HTML 6Page - Texas Instruments ESD321 Datasheet HTML 7Page - Texas Instruments ESD321 Datasheet HTML 8Page - Texas Instruments ESD321 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
6.6 Electrical Characteristics
At TA = 25°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VRWM
Reverse stand-off voltage
IIO < 50 nA, across operating
temperature range
3.6
V
ILEAKAGE
Leakage current at 3.6 V
VIO = 3.6 V, I/O to GND
0.1
10
nA
VBRF
Breakdown voltage, I/O to GND (1)
IIO = 1 mA
4.5
7.5
V
VFWD
Forward Voltage, GND to I/O (1)
IIO = 1 mA
0.8
V
VHOLD
Holding voltage, I/O to GND (2)
IIO = 1 mA
5.1
V
VCLAMP
Clamping voltage
IPP = 6 A (8/20 µs Surge), I/O to GND
6.3
V
IPP = 16 A (100 ns TLP), I/O to GND
6.8
V
IPP = 16 A (100 ns TLP), GND to I/O
4.7
V
RDYN
Dynamic resistance
I/O to GND, 100 ns TLP, between 10
to 20 A IPP
0.13
Ω
GND to I/O , 100 ns TLP, between 10
to 20 A IPP
0.2
CLINE
Line capacitance, IO to GND
VIO = 0 V, Vp-p = 30 mV, f = 1 MHz
0.9
1.1
pF
(1)
VBRF and VBRR are defined as the voltage obtained at 1 mA when sweeping the voltage up, before the device latches into the
snapback state
(2)
VHOLD is defined as the voltage when 1 mA is applied, after the device has successfully latched into the snapback state.
www.ti.com
ESD321
SLVSEN8A – JULY 2018 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: ESD321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com