Electronic Components Datasheet Search
  English  ▼

X  

ESD321 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ESD321
Description  ESD321 1-Channel 30 kV ESD Protection Diode with Low Capacitance (< 1 pF) in 0402 and SOD-523 Packages
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD321 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ESD321 Datasheet HTML 4Page - Texas Instruments ESD321 Datasheet HTML 5Page - Texas Instruments ESD321 Datasheet HTML 6Page - Texas Instruments ESD321 Datasheet HTML 7Page - Texas Instruments ESD321 Datasheet HTML 8Page - Texas Instruments ESD321 Datasheet HTML 9Page - Texas Instruments ESD321 Datasheet HTML 10Page - Texas Instruments ESD321 Datasheet HTML 11Page - Texas Instruments ESD321 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
7 Detailed Description
7.1 Overview
The ESD321 is a low capacitance uni-directional ESD Protection Diode with a low clamping voltage. This device
can dissipate ESD strikes up to ±30 kV (Contact and Air) per the IEC 61000-4-2 Standard. The low clamping
makes this device suitable for protecting any ESD sensitive devices.
7.2 Functional Block Diagram
7.3 Feature Description
ESD321 provides ESD protection up to ±30-kV contact and ±30-kV air gap per IEC 61000-4-2 standard. During
an ESD event, ESD diode connected to the I/O pin turns on and diverts the current to ground. Additionally,
ESD321 also provides protection against IEC 61000-4-5 Surge currents up to 6 A (8/20 µs waveform) and up to
80 A per IEC 61000-4-4 (5/50 ns waveform, 4 kV with 50-Ω impedance) electrical fast transient (EFT) standard.
The capacitance between the I/O pin and ground is 0.9 pF (typical) and 1.1 pF (maximum). The device features
a low leakage current of 0.1 nA (typical) and 50 nA (maximum, across operating temperature range) with a bias
of 3.6 V. The ESD diode at the I/O pin protects the ESD-sensitive devices by clamping the voltage to a low value
of 6.8 V (IPP = 16 A 100 ns TLP ). The layout of this device makes it simple and easy to add protection to an
existing layout. The package offers flow-through routing, requiring minimal modification to an existing layout.
7.4 Device Functional Modes
The ESD321 is a passive integrated circuit that triggers when voltages are above VBRF or below VFWD. During
ESD events, voltages as high as ±30 kV (contact or air) can be directed to ground via the internal diode
network. When the voltages on the protected line fall below the trigger levels of ESD321 (usually within 10s of
nano-seconds) the device reverts to passive.
ESD321
SLVSEN8A – JULY 2018 – REVISED DECEMBER 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ESD321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com