Electronic Components Datasheet Search
  English  ▼

X  

LP2985 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985
Description  LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP2985 Datasheet HTML 6Page - Texas Instruments LP2985 Datasheet HTML 7Page - Texas Instruments LP2985 Datasheet HTML 8Page - Texas Instruments LP2985 Datasheet HTML 9Page - Texas Instruments LP2985 Datasheet HTML 10Page - Texas Instruments LP2985 Datasheet HTML 11Page - Texas Instruments LP2985 Datasheet HTML 12Page - Texas Instruments LP2985 Datasheet HTML 13Page - Texas Instruments LP2985 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
6.6 Typical Characteristics (continued)
at operating temperature TJ = 25°C, VIN = VOUT(NOM) + 1.0 V or 2.5 V (whichever is greater), IOUT = 1 mA, ON/OFF pin tied to
VIN, CIN = 1.0 µF, and COUT = 4.7 µF (unless otherwise noted)
IOUT (mA)
0
20
40
60
80
100
120
140
160
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
VI = 4.3 V
VO = 3.3 V
CO = 4.7uF
Temperature
-55 °C
-40 °C
0 °C
25 °C
85 °C
125 °C
150 °C
Figure 6-7. Output Regulation vs Load Current for New Chip
VIN (V)
4
6
8
10
12
14
16
-2
-1.5
-1
-0.5
0
0.5
1
1.5
VO = 3.3 V
Iout= 1mA
CO = 4.7uF
Temperature
-55
C
-40
C
0
C
25
C
85
C
125
C
150
C
Figure 6-8. Output Regulation vs Input Voltage for New Chip
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
−500
0
500
1000
1500
2000
Time − (ms)
VI = 6 V
VO = 3.3 V
Ci = 1 mF
Cbyp = 0.01 mF
Figure 6-9. Short-Circuit Current vs Time for Legacy Chip
200
s/div
0
200
400
600
800
1000
-6
-600
-5
0
-4
600
-3
1200
-2
1800
-1
2400
0
3000
1
3600
2
4200
3
4800
4
5400
5
6000
VIN = 6 V
Cbyp = 10 nF
VO = 3.3 V
VO
I SC
VIN = 6 V
Figure 6-10. Short-Circuit Current vs Time for New Chip
−100
100
300
500
700
Time − (ms)
VI = 16 V
VO = 3.3 V
Ci = 1 mF
Cbyp = 0.01 mF
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
Figure 6-11. Short-Circuit Current vs Time for Legacy Chip
200
s/div
0
200
400
600
800
1000
-6
-600
-5
0
-4
600
-3
1200
-2
1800
-1
2400
0
3000
1
3600
2
4200
3
4800
4
5400
5
6000
VIN = 16 V
Cbyp = 10 nF
VO = 3.3 V
VO
I SC
Figure 6-12. Short-Circuit Current vs Time for new Chip
LP2985
SLVS522Q – JULY 2004 – REVISED DECEMBER 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LP2985



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com