Electronic Components Datasheet Search
  English  ▼

X  

LP2985 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985
Description  LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LP2985 Datasheet HTML 20Page - Texas Instruments LP2985 Datasheet HTML 21Page - Texas Instruments LP2985 Datasheet HTML 22Page - Texas Instruments LP2985 Datasheet HTML 23Page - Texas Instruments LP2985 Datasheet HTML 24Page - Texas Instruments LP2985 Datasheet HTML 25Page - Texas Instruments LP2985 Datasheet HTML 26Page - Texas Instruments LP2985 Datasheet HTML 27Page - Texas Instruments LP2985 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
8.2.3 Application Curves
at operating temperature TJ = 25°C, VIN = VOUT(NOM) + 1.0 V or 2.5 V (whichever is greater), IOUT = 1 mA,
ON/OFF pin tied to VIN, CIN = 1.0 µF, and COUT = 4.7 µF (unless otherwise noted)
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
−250
−200
−150
−100
−50
0
50
100
150
200
20 ms/div→
VO = 3.3 V
Cbyp = 10 nF
DIL = 100 mA
IL
VO
Figure 8-3. Load Transient Response for Legacy
Chip
20
s/div
0
20
40
60
80
100
120
140 150
3.1
-300
3.16
-250
3.22
-200
3.28
-150
3.34
-100
3.4
-50
3.46
0
3.52
50
3.58
100
3.64
150
3.7
200
3.76
250
3.82
300
V0 = 3.3V
Cbyp = 10nF
IL=100mA
VO
IL
dI/dt = 1 A/μ
Figure 8-4. Load Transient Response for New Chip
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
−250
−200
−150
−100
−50
0
50
100
150
200
VO = 3.3 V
Cbyp = 10 nF
DIL = 150 mA
IL
VO
20 ms/div→
Figure 8-5. Load Transient Response for Legacy
Chip
20
s/div
0
20
40
60
80
100
120
140 150
3.1
-300
3.16
-250
3.22
-200
3.28
-150
3.34
-100
3.4
-50
3.46
0
3.52
50
3.58
100
3.64
150
3.7
200
3.76
250
3.82
300
VO = 3.3V
Cbyp =10 nF
IL=150mA
VO
IL
dI/dt = 1 A/μ
Figure 8-6. Load Transient for New Chip
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
−250
−200
−150
−100
−50
0
50
100
150
200
IL
VO
VO = 3.3 V
Cbyp = 0 nF
DIL = 150 mA
20 ms/div→
Figure 8-7. Load Transient Response for Legacy
Chip
20
s/div
0
20
40
60
80
100
120
140 150
3.1
-300
3.16
-250
3.22
-200
3.28
-150
3.34
-100
3.4
-50
3.46
0
3.52
50
3.58
100
3.64
150
3.7
200
3.76
250
3.82
300
V0 = 3.3V
Cbyp = 0 nF
IL = 150 mA
VO
IL
dI/dt = 1 A/μ
Figure 8-8. Load Transient Response for New Chip
LP2985
SLVS522Q – JULY 2004 – REVISED DECEMBER 2022
www.ti.com
24
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LP2985



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com