Electronic Components Datasheet Search
  English  ▼

X  

RG178 Datasheet(PDF) 13 Page - Harwin Plc

Part # RG178
Description  Component Specification M80 & M83 Series Rectangular Connectors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc

RG178 Datasheet(HTML) 13 Page - Harwin Plc

Back Button RG178 Datasheet HTML 6Page - Harwin Plc RG178 Datasheet HTML 7Page - Harwin Plc RG178 Datasheet HTML 8Page - Harwin Plc RG178 Datasheet HTML 9Page - Harwin Plc RG178 Datasheet HTML 10Page - Harwin Plc RG178 Datasheet HTML 11Page - Harwin Plc RG178 Datasheet HTML 12Page - Harwin Plc RG178 Datasheet HTML 13Page - Harwin Plc RG178 Datasheet HTML 14Page - Harwin Plc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
C00540 Date: 28.11.2022
C/Order: 32100
Issue: 40
C00540
Component Specification – M80 & M83 Series Rectangular Connectors
APPENDIX 4 – TEST FOR LATCH INTEGRITY ON L-TEK
When an unloaded female connector moulding is mated with a latched male connector, and a force of 20N is
applied for 10 seconds in the directions shown, there shall be no failure of any part of the latch mechanism.
B
A
B
A
APPENDIX 5 – INSTRUCTIONS FOR THE USE OF CONNECTORS FITTED WITH
JACKSCREWS
Connectors are fitted with jackscrews where it is considered necessary to provide mechanical assistance in
ensuring a satisfactory engagement and separation of the connector. This may apply in cases where
engagement and separation forces are so high as to prevent satisfactory hand engagement, or where access
to connector is restricted. Jackscrews also provide a locking feature, preventing the connector from
disengaging under adverse conditions.
To obtain maximum effectiveness from the jackscrew system, the following rules for their use should be
observed.
1)
The connector with board mount jackscrews should be fixed to the PCB with fixings and tightened to
a torque of 21±2cmN.
Board mount fixings must be fitted before Wave soldering.
Board mount fixings can be fitted before or after reflow soldering, as preferred by customer. If fitted
before soldering, check that the fixings remain tight after soldering.
NOTE: Care must be taken when aligning male and female threads, to avoid cross-threading and
possible failure of parts.
On engaging the two halves of the connector after ensuring correct polarity, lightly push home the
floating half until the jackscrews touch. Then, maintaining the pressure, turn one of the floating
jackscrews clockwise, until it engages with the fixed screw. Repeat with the other screw.
Then screw in each jackscrew, ensuring even loading by applying a maximum of one turn to each
screw in sequence until the connector is bottomed. This will be evident by a sudden increase in the
torque required on the screw. This torque should not exceed 23cmN.
Finger pressure exerted at the centre of the connectors may be required to achieve full engagement
of both halves.
NOTE: Care must be taken when aligning male and female threads to avoid cross-threading and
possible failure of parts.
3)
On disengaging the two halves of the connector turn each of the floating jackscrews anti clockwise.
Again, ensure even loading by turning each screw in sequence for a maximum of one turn until the
jackscrew disengage. The connector can then be easily pulled apart.
Female connector
Male connector
Latches engaged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com