Electronic Components Datasheet Search
  English  ▼

X  

RG178 Datasheet(PDF) 2 Page - Harwin Plc

Part # RG178
Description  Component Specification M80 & M83 Series Rectangular Connectors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc

RG178 Datasheet(HTML) 2 Page - Harwin Plc

  RG178 Datasheet HTML 1Page - Harwin Plc RG178 Datasheet HTML 2Page - Harwin Plc RG178 Datasheet HTML 3Page - Harwin Plc RG178 Datasheet HTML 4Page - Harwin Plc RG178 Datasheet HTML 5Page - Harwin Plc RG178 Datasheet HTML 6Page - Harwin Plc RG178 Datasheet HTML 7Page - Harwin Plc RG178 Datasheet HTML 8Page - Harwin Plc RG178 Datasheet HTML 9Page - Harwin Plc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
C00540 Date: 28.11.2022
C/Order: 32100
Issue: 40
C00540
Component Specification – M80 & M83 Series Rectangular Connectors
1.
DESCRIPTION OF CONNECTOR AND INTENDED APPLICATION
A range of 2mm pitch male and female rectangular, fully shrouded unsealed connectors with replaceable
contacts for interconnecting board to board, cable to board and cable to cable. The range covers 2 to 96
ways, in various application methods. Female connectors are available for crimp, vertical throughboard and
surface mount termination. Male connectors are available for crimp, vertical or horizontal (90°) throughboard
and surface-mount termination. Pre-cabled contacts and cable assemblies are also available in various
options.
The connectors are provided with a range of contact terminations (as shown in Appendix 1) that are gold or
tin plated. The contact zone of a gold plated contact is hard acid gold of 98% purity.
The connector is intended for use as a low voltage connector in high packing density electronic equipment.
The connector is polarised to prevent mis-matching and can be produced with a latching feature (L-Tek) or in
a jackscrew (J-Tek) format, with or without board mounting.
L-Tek and J-Tek connectors are available with low-frequency (LF) contacts, while mixed technology (Mix-
Tek) connectors are also available with jackscrews, with a choice of power or coax contacts.
NOTE: Some connector styles are available manufactured and tested to BS9525 F0033. All other connectors
in the range are designed to the same specification. For cable assembly specifications see Component
Specification C049XX (where XX is latest issue).
2.
RATINGS
2.1. Low-Frequency Signal Contacts
2.1.1. Current Rating
Standard Signal Contact:
One contact per connector is electrically loaded, 25°C ambient....................... 3.3A max
One contact per connector is electrically loaded, 85°C ambient....................... 2.6A max
Current per contact through all contacts, 25°C ambient ................................... 3.0A max
Current per contact through all contacts, 85°C ambient ................................... 2.2A max
T-Contact:
One contact per connector is electrically loaded, 25°C ambient....................... 8.5A max
One contact per connector is electrically loaded, 85°C ambient....................... 6.5A max
Current per contact through all contacts, 25°C ambient ................................... 3.5A max
Current per contact through all contacts, 85°C ambient ................................... 2.6A max
Flex Circuit Assembly:
Current per individual track, 25°C ambient ......................................................... 1.0A max
2.1.2. Other Electrical Characteristics
Working Voltage (at 1,013mbar, sea level):
Pre-Cabled Contacts & Cable Assemblies ............................................................ 300V DC or AC peak
Others....................................................................................................................... 800V DC or AC peak
Voltage Proof (at 1,013mbar, sea level) .................................................................... 1,200V DC or AC peak
Contact Resistance:
Initial ......................................................................................................................... 20mΩ max
After Conditioning................................................................................................... 25mΩ max
Insulation resistance:
Initial ......................................................................................................................... 1,000MΩ min
Hot After Conditioning............................................................................................ 100MΩ min
Creepage Path contact-to-contact ............................................................................ 0.35mm min
Air Gap contact-to-contact ......................................................................................... 0.35mm min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com