Electronic Components Datasheet Search
  English  ▼

X  

DTA124ECA Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # DTA124ECA
Description  Digital transistors (built-in resistors)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

DTA124ECA Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  DTA124ECA Datasheet HTML 1Page - E-Tech Electronics LTD DTA124ECA Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
P7–2/2
• Elecrical characteristics(Ta=25°C)
Parameter
symbol
Min.
Typ.
Max.
Unit
Conditions
Input voltage
V I(off)
—
—
–0.5
V
VCC=– 5V,IO=–100
µA
V I(on)
–3
—
—
VO= – 0.2V,IO= –5mA
Output Voltage
V O(on)
—
–0.1
–0.3
V
IO/II= –10mA/–0.5mA
Input current
I I
—
—
–0.36
mA
VI= – 5V
Output current
I O(off)
—
—
–0.5
µAV
CC=–
50V,VI= 0 V
DC current gain
G I
56
—
—
—
VO= – 5V,IO=– 5mA
Input resistance
R 1
15.4
22
28.6
K
Ω
—
Resistance ratio
R 2 / R 1
0.8
1
1.2
—
—
Transition frequency
f T
—
250
—
MHz
VCE= –10V,IE= 5 mA,f=100MHz*
*Transition frequency of the device
DTA124EKA DTA124ECA
ELECTRICAL CHARACTERISTIC CURVES
-100
-50
-20
-10
-5
-2
-1
-0.5
-0.2
-0.1
-100
µ-200µ
-500
µ -1m
-2m
-5m
-10m -20m
-50m -100m
OUTPUT CURRENT: I O (A)
Figure 1. Input voltage vs.output current
(ON characteristics)
T A = –40°C
25°C
100°C
V O = – 0.3V
-10m
-5m
-2m
-1m
-500
µ
-200
µ
-100
µ
-50
µ
-20
µ
-10
µ
-5
µ
-2
µ
-1
µ
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
INPUT VOLTAGE: V I(ON) (V)
Figure 2. Output current vs.input voltage
(OFF characteristics)
T A = 100°C
25°C
–40°C
V CC= – 5 V
1K
500
200
100
50
20
10
5
2
1
-100
µ-200µ
-500
µ -1m
-2m
-5m
-10m -20m
-50m -100m
OUTPUT CURRENT: I O (A)
Figure 3. DC current gain vs.output current
V O = – 5 V
T A = 100°C
25°C
–40°C
-1
-0.5
-0.2
-0.1
-0.05
-0.02
-0.01
-.005
-.002
-.001
-100
µ-200µ
-500
µ -1m
-2m
-5m
-10m -20m
-50m -100m
OUTPUT CURRENT: I O (A)
Figure 4. Output voltage vs.output current
I O / I I = 20
T A = 100°C
25°C
–40°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com