Electronic Components Datasheet Search
  English  ▼

X  

DTA124ECA Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # DTA124ECA
Description  Digital transistors (built-in resistors)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

DTA124ECA Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  DTA124ECA Datasheet HTML 1Page - E-Tech Electronics LTD DTA124ECA Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P7–1/2
• Features
1) Built-in bias resistors enable the configuration of an inverter circuit without
connecting external input resistors (see equivalent circuit).
2) The bias resistors consist of thinfilm resistors with complete isolation to allow
positive biasing of the input. They also have the advantage of almost completely
eliminating parasitic effects.
3) Only the on/ off conditions need to be set for operation, making device design
easy.
• Structure
PNP digital transistor (Built-in resistors type)
•Equivalent circuit
DTA124EKA
DTA124ECA
• Absolute maximum ratings(Ta=25 °C)
Parameter
symbol
unit
Supply voltage
V cc
–50
V
Input voltage
V IN
–40~+10
V
Output current
I O
–30
mA
I C(Max.)
–100
Power dissipation
P d
200
mW
Junction temperature
T j
150
°C
Storage temperature
T stg
–55~+150
°C
limits
(DTA124EKA DTA124ECA )
Digital transistors (built-in resistors)
OUT
GND(+)
OUT
R1
R2
GND(+)
IN
IN
2.9 + 0.2
1.9+ 0.2
0.95+0.95
(1)
(2)
(3)
+ 0.1
0.4 - 0.05
+ 0.1
0.15 - 0.06
+ 0.2
1.1 - 0.1
0.8 + 0.1
0 ~ 0.1
(1) GND
(2) IN
(3) OUT
All terminals have same dimensions
2.9 + 0.2
1.9+ 0.2
0.95+0.95
(1)
(2)
(3)
+ 0.1
0.4 - 0.05
+ 0.1
0.15 - 0.06
+ 0.2
0.95 - 0.1
0.45 + 0.1
0 ~ 0.1
(1) GND
(2) IN
(3) OUT
All terminals have same dimensions
DTA124EKA
DTA124ECA
0.2Min
EIAJ: SC— 59
EIAJ: SOT— 23


Similar Part No. - DTA124ECA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA124ECA ROHM-DTA124ECA Datasheet
79Kb / 2P
Digital transistors (built-in resistors)
logo
Leshan Radio Company
DTA124ECA LRC-DTA124ECA Datasheet
79Kb / 2P
Digital transistors(built-in resistors)
logo
Galaxy Semi-Conductor H...
DTA124ECA BILIN-DTA124ECA Datasheet
159Kb / 3P
Digital Transistor
logo
SeCoS Halbleitertechnol...
DTA124ECA SECOS-DTA124ECA Datasheet
217Kb / 2P
PNP Digital Transistors (Built-in Resistors)
logo
Rectron Semiconductor
DTA124ECA RECTRON-DTA124ECA Datasheet
315Kb / 3P
SOT-23 DIGITAL TRANSISTOR TRANSISTORS(PNP)
More results

Similar Description - DTA124ECA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA113ZE ROHM-DTA113ZE Datasheet
68Kb / 3P
Digital transistors (built-in resistors)
DTA123EE ROHM-DTA123EE Datasheet
68Kb / 3P
Digital transistors (built-in resistors)
DTA123YE ROHM-DTA123YE Datasheet
68Kb / 3P
Digital transistors (built-in resistors)
DTB123YK ROHM-DTB123YK Datasheet
65Kb / 3P
Digital transistors (built-in resistors)
DTB133HK ROHM-DTB133HK Datasheet
53Kb / 1P
Digital transistors (built-in resistors)
DTC143ZE ROHM-DTC143ZE Datasheet
71Kb / 3P
Digital transistors (built-in resistors)
DTC363EU ROHM-DTC363EU Datasheet
105Kb / 4P
Digital transistors (built-in resistors)
DTD114EK ROHM-DTD114EK Datasheet
60Kb / 2P
Digital transistors (built-in resistors)
DTA123EM ROHM-DTA123EM Datasheet
88Kb / 4P
Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC143ZE SECOS-DTC143ZE Datasheet
205Kb / 2P
Digital Transistors (Built-in Resistors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com