Electronic Components Datasheet Search
  English  ▼

X  

ESDALC6V1M3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ESDALC6V1M3
Description  Dual low capacitance TRANSIL??array for ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1M3 Datasheet(HTML) 6 Page - STMicroelectronics

  ESDALC6V1M3 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1M3 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1M3 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1M3 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1M3 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1M3 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1M3 Datasheet HTML 7Page - STMicroelectronics ESDALC6V1M3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package information
ESDALC6V1M3
6/8
Figure 13.
ST Ecopack® recommended soldering reflow profile for PCB mounting
Figure 14.
Packing information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
0
01
2345
67
Time (min)
Temperature (°C)
2°C/s recommended
6°C/s max
220°C
125 °C
260°C max
255°C
180°C
90 sec max
10-30 sec
90 to 150 sec
3°C/s max
0
01
2345
67
Time (min)
Temperature (°C)
2°C/s recommended
6°C/s max
220°C
125 °C
260°C max
255°C
180°C
90 sec max
10-30 sec
90 to 150 sec
3°C/s max
Cathode bar
User direction of unreeling
All dimensions in mm
4.0 ± 0.1
2.0 ± 0.05
4.0 ± 0.1
Ø 1.5 ± 0.1
0.66 ± 0.05
0.68 ± 0.05



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com