Electronic Components Datasheet Search
  English  ▼

X  

ESDALC6V1M3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDALC6V1M3
Description  Dual low capacitance TRANSIL??array for ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1M3 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDALC6V1M3 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1M3 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1M3 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1M3 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1M3 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1M3 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1M3 Datasheet HTML 7Page - STMicroelectronics ESDALC6V1M3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ESDALC6V1M3
Characteristics
3/8
Figure 1.
S21 attenuation measurement
results of each channel
Figure 2.
Analog crosstalk measurements
between channels
100.0k
1.0M
10.0M
100.0M
1.0G
- 40.00
- 30.00
- 20.00
- 10.00
0.00
Att 1
1.8 GHz
540 MHz
- 3 dB
100.0k
1.0M
10.0M
100.0M
1.0G
- 40.00
- 30.00
- 20.00
- 10.00
0.00
Att 1
1.8 GHz
540 MHz
- 3 dB
f (Hz)
dB
100.0k
1.0M
10.0M
100.0M
1.0G
- 120.00
- 90.00
- 60.00
- 30.00
0.00
Xtalk
-52 dB
-9.3 dB
100.0k
1.0M
10.0M
100.0M
1.0G
- 120.00
- 90.00
- 60.00
- 30.00
0.00
Xtalk
-52 dB
-9.3 dB
dB
f (Hz)
Figure 3.
ESD response to IEC61000-4-2
(+15 kV air discharge) on each
channel
Figure 4.
ESD response to IEC61000-4-2
(-15 kV air discharge) on each
channel.
Figure 5.
Relative variation of peak pulse
power versus initial junction
temperature
Figure 6.
Peak pulse power versus
exponential pulse duration
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
25
50
75
100
125
150
PPP[Tj initial] /PPP[Tj initial=25°C]
Tj(°C)
10
100
1000
110
100
PPP(W)
tP(µs)
T initial = 25 °C
j



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com