Electronic Components Datasheet Search
  English  ▼

X  

1985331 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1985331
Description  PCB terminal block - PTSA 1,5/16-3,5-Z
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1985331 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1985331 Datasheet HTML 1Page - PHOENIX CONTACT 1985331 Datasheet HTML 2Page - PHOENIX CONTACT 1985331 Datasheet HTML 3Page - PHOENIX CONTACT 1985331 Datasheet HTML 4Page - PHOENIX CONTACT 1985331 Datasheet HTML 5Page - PHOENIX CONTACT 1985331 Datasheet HTML 6Page - PHOENIX CONTACT 1985331 Datasheet HTML 7Page - PHOENIX CONTACT 1985331 Datasheet HTML 8Page - PHOENIX CONTACT 1985331 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Specification
IEC 60999-1:1999-11
0.2 mm² / solid / > 10 N
0.2 mm² / flexible / > 10 N
1.5 mm² / solid / > 40 N
Conductor cross section/conductor type/tractive force
setpoint/actual value
1.5 mm² / flexible / > 40 N
Electrical tests
Temperature-rise test
Specification
IEC 60947-7-4:2013-08
Requirement temperature-rise test
The sum of ambient temperature and temperature rise of the
PCB terminal block shall not exceed the upper limiting
temperature.
Short-time withstand current
Specification
IEC 60947-7-4:2013-08
Insulation resistance
Specification
IEC 60512-3-1:2002-02
Insulation resistance, neighboring positions
> 5 MΩ
Air clearances and creepage distances |
Specification
IEC 60947-1:2007-06 + A1:2010-12 + A2:2014-09
Insulating material group
I
Comparative tracking index (IEC 60112)
CTI 600
Rated insulation voltage (III/3)
250 V
Rated surge voltage (III/3)
4 kV
minimum clearance value - non-homogenous field (III/3)
3 mm
minimum creepage distance (III/3)
3.2 mm
Note on connection cross section
With connected conductor 1.5 mm² (solid).
Rated insulation voltage (III/2)
400 V
Rated surge voltage (III/2)
4 kV
minimum clearance value - non-homogenous field (III/2)
3 mm
minimum creepage distance (III/2)
3 mm
Rated insulation voltage (II/2)
630 V
Rated surge voltage (II/2)
4 kV
minimum clearance value - non-homogenous field (II/2)
3 mm
minimum creepage distance (II/2)
3.2 mm
Environmental and real-life conditions
Vibration test
Specification
IEC 60068-2-6:2007-12
Frequency
10 - 150 - 10 Hz
Sweep speed
1 octave/min
Amplitude
0.35 mm (10 - 60.1 Hz)
Sweep speed
5g (60.1 - 150 Hz)
PCB terminal block - PTSA 1,5/16-3,5-Z
1985331
https://www.phoenixcontact.com/us/products/1985331
Sep 8, 2022, 4:36 AM
Page 4 (10)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com