Electronic Components Datasheet Search
  English  ▼

X  

1985331 Datasheet(PDF) 10 Page - PHOENIX CONTACT

Part # 1985331
Description  PCB terminal block - PTSA 1,5/16-3,5-Z
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1985331 Datasheet(HTML) 10 Page - PHOENIX CONTACT

Back Button 1985331 Datasheet HTML 2Page - PHOENIX CONTACT 1985331 Datasheet HTML 3Page - PHOENIX CONTACT 1985331 Datasheet HTML 4Page - PHOENIX CONTACT 1985331 Datasheet HTML 5Page - PHOENIX CONTACT 1985331 Datasheet HTML 6Page - PHOENIX CONTACT 1985331 Datasheet HTML 7Page - PHOENIX CONTACT 1985331 Datasheet HTML 8Page - PHOENIX CONTACT 1985331 Datasheet HTML 9Page - PHOENIX CONTACT 1985331 Datasheet HTML 10Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Accessories
Screwdriver
Screwdriver - SZS 0,4X2,5 VDE - 1205037
https://www.phoenixcontact.com/us/products/1205037
Screwdriver, slot-headed, VDE insulated, size: 0.4 x 2.5 x 80 mm, 2-component
grip, with non-slip grip
Crimping pliers
Crimping pliers - CRIMPFOX 6 - 1212034
https://www.phoenixcontact.com/us/products/1212034
Crimping pliers, for ferrules without insulating collar according to DIN 46228 Part
1 and ferrules with insulating collar according to DIN 46228 Part 4, 0.25 mm2 ...
 6.0 mm2, lateral entry, trapezoidal crimp
Phoenix Contact 2022 © - all rights reserved
https://www.phoenixcontact.com
Phoenix Contact USA
586 Fulling Mill Road
Middletown, PA 17057, United States
(+717) 944-1300
info@phoenixcon.com
PCB terminal block - PTSA 1,5/16-3,5-Z
1985331
https://www.phoenixcontact.com/us/products/1985331
Sep 8, 2022, 4:36 AM
Page 10 (10)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com