Electronic Components Datasheet Search
  English  ▼

X  

101 Datasheet(PDF) 1 Page - 3M Electronics

Part # 101
Description  3M™ Mini D Ribbon (MDR) Connectors .050″ Solder Plug Connector - Shielded
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

101 Datasheet(HTML) 1 Page - 3M Electronics

  101 Datasheet HTML 1Page - 3M Electronics 101 Datasheet HTML 2Page - 3M Electronics 101 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Mini D Ribbon (MDR) Connectors
.050
″ Solder Plug Connector - Shielded
101 Series
Physical
Electrical
Environmental
* RoHS = Directive 2002/95/EC, Restriction of the Use of Certain Hazardous Substances in Electrical and Electronic Equipment
"RoHS compliant" means that the product or part does not contain any of the following substances in excess of the following maximum concentration values
in any homogeneous material, unless the substance is in an application that is exempt under RoHS: (a) 0.1% (by weight) for lead, mercury, hexavalent
chromium, polybrominated biphenyls or prolybromianted diphenyl ethers; or (b) 0.01% (by weight) for cadmium. Unless otherwise stated by 3M in writing,
this information represents 3M's knowledge and belief based upon information provided by third party suppliers to 3M.
Insulation Material:
Glass Reinforced Polyester (PCT)
Flamability: UL 94V-0
Color: Black
Contact Material:
Copper Alloy (C521)
Plating
Underplating: 80
µ″ (2.0 µm) Nickel
Wiping Area: Gold (see ordering information)
Solder Area: Gold (RoHS compliant) or Tin-Lead (see ordering information)
Shroud Material:
Steel
Plating:
Nickel
Wire Accomodation: 24, 26, 28 & 30 AWG
Marking:
3M Logo and Part Number
Current Rating:
1 A
Insulation Resistance: > 1
× 108Ω at 500 VDC
Withstanding Voltage:
500 Vrms for 1 minute
Temperature Rating:
-55
°C TO +105°C
Solder Process:
360
°C max for 10 sec. max
TS-0669-09
Sheet 1 of 2
• Wiper-on-wiper contact for reliable repetitive
plugging
• Solder cup termination requires no special
tooling
• Accepts a wide variety of discrete wire (24 to 30
AWG) cable construction
• Contacts: 14, 20, 26, 36, 40 and 50
• RoHS* compliant version available
Date Modified: May 25, 2005
UL File No.: E68080


Similar Part No. - 101

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
101 STMICROELECTRONICS-101 Datasheet
38Kb / 5P
0.9/1.9GHz BROAD BAND PRE-POWER AMPLIFIER
22-Jan-2002
logo
Riedon Powertron
101 RIEDON-101 Datasheet
359Kb / 2P
Precision Wirewound Resistors
logo
Productwell Precision E...
101 PRODUCTWELL-101 Datasheet
178Kb / 4P
SHIELDED SMT POWER INDUCTORS
logo
List of Unclassifed Man...
101 ETC2-101 Datasheet
254Kb / 3P
Smooth, high torque, roller ratchet handle
logo
Silicon Laboratories
101 SILABS-101 Datasheet
452Kb / 13P
NON-ISOLATED EVALUATION BOARD FOR THE Si3402B
More results

Similar Description - 101

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3341-XX 3M-3341-XX Datasheet
58Kb / 3P
3M Mini D Ribbon (MDR) Connectors
10214-55G3JL 3M-10214-55G3JL Datasheet
532Kb / 4P
3M Mini D Ribbon (MDR) Connectors
05-Apr-2005
10214-1S10PL 3M-10214-1S10PL Datasheet
979Kb / 6P
3M Mini D Ribbon (MDR) Connectors
20-Dec-2007
10268-5JBEPC 3M-10268-5JBEPC Datasheet
812Kb / 4P
3M Mini D Ribbon (MDR) Connectors
21-Jul-2009
10126-3000-PE 3M-10126-3000-PE Datasheet
1,013Kb / 5P
3M™ Mini D Ribbon (MDR) Connectors .050" Solder Plug Connector - Shielded
01-Jun-2008
10226-2210PE 3M-10226-2210PE Datasheet
1Mb / 5P
3M™ Mini D Ribbon (MDR) Connectors .050″ Surfacemount Vertical Receptacle - Shielded
21-Feb-2007
10314-52F0-008 3M-10314-52F0-008 Datasheet
309Kb / 3P
3M Mini D Ribbon (MDR) Connectors
10-May-2005
N10226-5213PC 3M-N10226-5213PC Datasheet
399Kb / 6P
3M Mini D Ribbon (MDR) Connectors
15-Nov-2007
103XX-52F0-008 3M-103XX-52F0-008 Datasheet
999Kb / 5P
3M™ Mini D Ribbon (MDR) Connectors
April 10, 2008
103 3M-103 Datasheet
1Mb / 4P
3M™ Mini D Ribbon (MDR) Connectors
October 17, 2011
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com