Electronic Components Datasheet Search
  English  ▼

X  

101 Datasheet(PDF) 2 Page - 3M Electronics

Part # 101
Description  3M™ Mini D Ribbon (MDR) Connectors .050″ Solder Plug Connector - Shielded
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

101 Datasheet(HTML) 2 Page - 3M Electronics

  101 Datasheet HTML 1Page - 3M Electronics 101 Datasheet HTML 2Page - 3M Electronics 101 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Mini D Ribbon (MDR) Connectors
.050
″ Solder Plug Connector - Shielded
101 Series
Contact
Quantity
Dimensions
A
B
C
14
.300 [ 7.62 ]
.54 [ 13.8 ]
.72 [ 18.2 ]
20
.450 [ 11.43 ]
.69 [ 17.6 ]
.87 [ 22.0 ]
26
.600 [ 15.24 ]
.85 [ 21.5 ]
1.02 [ 25.8 ]
36
.850 [ 21.59 ]
1.09 [ 27.8 ]
1.27 [ 32.2 ]
40
.950 [ 24.13 ]
1.19 [ 30.3 ]
1.37 [ 34.7 ]
50
1.200 [ 30.48 ]
1.44 [ 36.7 ]
1.62 [ 41.1 ]
TS-0669-09
Sheet 2 of 2
.0
.00
.000
inch
± .1
±.01 ± .005
[ ] D im en sion s for R e fe re nce
On ly
T oleranc e U nless N oted
[mm]
In ch
Ordering Information
Note: This solder plug connector must be used with only 3M Non-Shielded Shell Kits 103XX-52FO-008 Series and 103XX-52A0-008 Series.
101XX-3000-XX
Contact Quantity (See Table)
P = Gold flash solder cup (RoHS compliant)
V = Tin-lead solder cup
C = 30µ" [.76 µm] min gold wiping interface
E = 20µ" [.5 µm] min gold wiping interface
.100
[ 2.54 ]
.050
[ 1.27 ]
.09
[ 2.3 ]
.20
[ 5.1 ]
.09
[ 2.3 ]
.20
[ 5.1 ]
.11
[ 2.9 ]
.26
[ 6.6 ]
.76
[ 19.3 ]
.50
[ 12.7 ]
C
Position 2
Position 3
Position 1
.36
[ 9.1 ]
.30
[ 7.5 ]
.050 [ 1.27 ]
A
B
Last Position
Position
Position 2
Position 3
Last Position
20, 36 & 40 Position
14, 26 & 50 Position
Position 1
Last Position
Position



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com