Electronic Components Datasheet Search
  English  ▼

X  

MMDL101 Datasheet(PDF) 3 Page - E-Tech Electronics LTD

Part # MMDL101
Description  Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

MMDL101 Datasheet(HTML) 3 Page - E-Tech Electronics LTD

  MMDL101 Datasheet HTML 1Page - E-Tech Electronics LTD MMDL101 Datasheet HTML 2Page - E-Tech Electronics LTD MMDL101 Datasheet HTML 3Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
S1–3/3
MMDL101T1
PACKAGE DIMENSIONS
SOD–323
PLASTIC PACKAGE
CASE 477–02
ISSUE A
K
A
D
B
1
2
J
NOTE 3
H
E
C
0.63 mm
0.025’’
1.60 mm
0.063’’
2.85 mm
0.112’’
0.83 mm
0.033’’
()
mm
inches
SOD–323
Soldering Footprint
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M,
1982.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. LEAD THICKNESS SPECIFIED PER L/F DRAWING WITH
SOLDER PLATING.
DIM
MILLIMETERS
INCHES
MIN
M A X
MIN
M A X
A
1.60
1.80
0.063
0.071
B
1.15
1.35
0.045
0.053
C
0.80
1.00
0.031
0.039
D
0.25
0.40
0.010
0.016
E
0.15 REF
0.006 REF
H
0.00
0.10
0.000
0.004
J
0.089
0.177
0.0035
0.0070
K
2.30
2.70
0.091
0.106
STYLE 1:
PIN 1. CATHODE
2. ANODE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com