Electronic Components Datasheet Search
  English  ▼

X  

IRF6655 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF6655
Description  DirectFET Power MOSFET Typical values (unless otherwise specified)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6655 Datasheet(HTML) 2 Page - International Rectifier

  IRF6655 Datasheet HTML 1Page - International Rectifier IRF6655 Datasheet HTML 2Page - International Rectifier IRF6655 Datasheet HTML 3Page - International Rectifier IRF6655 Datasheet HTML 4Page - International Rectifier IRF6655 Datasheet HTML 5Page - International Rectifier IRF6655 Datasheet HTML 6Page - International Rectifier IRF6655 Datasheet HTML 7Page - International Rectifier IRF6655 Datasheet HTML 8Page - International Rectifier IRF6655 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF6655
2
www.irf.com
… Pulse width ≤ 400µs; duty cycle ≤ 2%.
Notes:
S
D
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
100
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.12
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
53
62
m
Ω
VGS(th)
Gate Threshold Voltage
2.8
–––
4.8
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-11
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
6.6
–––
–––
S
Qg
Total Gate Charge
–––
8.7
11.7
Qgs1
Pre-Vth Gate-to-Source Charge
–––
2.1
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
0.58
–––
nC
Qgd
Gate-to-Drain Charge
–––
2.8
4.2
Qgodr
Gate Charge Overdrive
–––
3.2
–––
See Fig. 17
Qsw
Switch Charge (Qgs2 + Qgd)
–––
3.4
–––
Qoss
Output Charge
–––
4.5
–––
nC
RG
Gate Resistance
–––
1.9
2.9
Ω
td(on)
Turn-On Delay Time
–––
7.4
–––
tr
Rise Time
–––
2.8
–––
td(off)
Turn-Off Delay Time
–––
14
–––
ns
tf
Fall Time
–––
4.3
–––
Ciss
Input Capacitance
–––
530
–––
Coss
Output Capacitance
–––
110
–––
pF
Crss
Reverse Transfer Capacitance
–––
29
–––
Coss
Output Capacitance
–––
510
–––
Coss
Output Capacitance
–––
67
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
38
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
34
(Body Diode)
e
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
31
47
ns
Qrr
Reverse Recovery Charge
–––
37
56
nC
MOSFET symbol
RG=6.0Ω
VDS = 25V
Conditions
VGS = 0V, VDS = 80V, f=1.0MHz
VGS = 0V, VDS = 1.0V, f=1.0MHz
VDS = 16V, VGS = 0V
VDD = 50V, VGS = 10V
g
VGS = 0V
ƒ = 1.0MHz
ID = 5.0A
VDS = VGS, ID = 25µA
VDS = 100V, VGS = 0V
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 5.0A
g
TJ = 25°C, IF = 5.0A, VDD = 25V
di/dt = 100A/µs
g
TJ = 25°C, IS = 5.0A, VGS = 0V
g
showing the
integral reverse
p-n junction diode.
ID = 5.0A
VDS = 80V, VGS = 0V, TJ = 125°C
VGS = 20V
VGS = -20V
VGS = 10V
VDS = 10V, ID = 5.0A
VDS = 50V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com